전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM338T 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM338T
상세설명  5-Amp Adjustable Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM338T 데이터시트(HTML) 3 Page - Texas Instruments

  LM338T Datasheet HTML 1Page - Texas Instruments LM338T Datasheet HTML 2Page - Texas Instruments LM338T Datasheet HTML 3Page - Texas Instruments LM338T Datasheet HTML 4Page - Texas Instruments LM338T Datasheet HTML 5Page - Texas Instruments LM338T Datasheet HTML 6Page - Texas Instruments LM338T Datasheet HTML 7Page - Texas Instruments LM338T Datasheet HTML 8Page - Texas Instruments LM338T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM138, LM338
www.ti.com
SNVS771B – MAY 1998 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V; and IOUT = 10 mA.
(1)
LM138
Symbol
Parameter
Conditions
Units
Min
Typ
Max
θJA
Thermal Resistance, Junction to
NDS Package
35
°C/W
Ambient (No Heat Sink)
Electrical Characteristics
LM338
Symbol
Parameter
Conditions
Units
Min
Typ
Max
VREF
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 35V,
1.19
1.24
1.29
V
10 mA
≤ IOUT ≤ 5A, P ≤ 50W
VRLINE
Line Regulation
3V
≤ (VIN − VOUT) ≤ 35V
(1)
0.005
0.03
%/V
0.02
0.06
%/V
VRLOAD
Load Regulation
10 mA
≤ IOUT ≤ 5A
(1)
0.1
0.5
%
0.3
1
%
Thermal Regulation
20 ms Pulse
0.002
0.02
%/W
IADJ
Adjustment Pin Current
45
100
μA
ΔIADJ
Adjustment Pin Current Change
10 mA
≤ IOUT ≤ 5A,
0.2
5
μA
3V
≤ (VIN − VOUT) ≤ 35V
ΔVR/T
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
%
ILOAD(Min)
Minimum Load Current
VIN − VOUT = 35V
3.5
10
mA
ICL
Current Limit
VIN − VOUT ≤ 10V
DC
5
8
A
0.5 ms Peak
7
12
A
VIN − VOUT = 30V
1
A
VN
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
ΔVR/ΔVIN
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
60
dB
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
60
75
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.3
1
%
θJC
Thermal Resistance
NDS Package
1
°C/W
Junction to Case
NDE Package
4
°C/W
θJA
Thermal Resistance, Junction to
NDS Package
35
°C/W
Ambient (No Heat Sink)
NDE Package
50
°C/W
(1)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM138 LM338


유사한 부품 번호 - LM338T

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM338T NSC-LM338T Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM338T TI1-LM338T Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM338T/NOPB TI1-LM338T/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
More results

유사한 설명 - LM338T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com