전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3407 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3407
상세설명  Constant Current Output Floating Buck Switching Converter for High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3407 데이터시트(HTML) 3 Page - Texas Instruments

  LM3407 Datasheet HTML 1Page - Texas Instruments LM3407 Datasheet HTML 2Page - Texas Instruments LM3407 Datasheet HTML 3Page - Texas Instruments LM3407 Datasheet HTML 4Page - Texas Instruments LM3407 Datasheet HTML 5Page - Texas Instruments LM3407 Datasheet HTML 6Page - Texas Instruments LM3407 Datasheet HTML 7Page - Texas Instruments LM3407 Datasheet HTML 8Page - Texas Instruments LM3407 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM3407
www.ti.com
SNVS553B – JANUARY 2008 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for
availability and specifications.
VALUE / UNIT
VIN to GND
-0.3V to 36V
VIN to GND (Transient)
42V (500 ms)
LX to GND
-0.3V to 36V
LX to GND (Transient)
-3V (2 ns), 42V (500
ms)
ISNS, FS, DIM, EN to GND
-0.3V to 7V
ESD Rating Human Body Model (2)
2kV
Junction Temperature
150°C
Storage Temperature
−65°C to + 125°C
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared or Convection (20sec)
235°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
VALUE / UNIT
VIN
4.5V to 30V
Junction Temperature Range
−40°C to + 125°C
Thermal Resistance (
θJA)
(1)
50°C/W
(1)
θJA of 50°C/W with thermal pad, EP soldered to a minimum of 2 square inches of 1 oz. Copper on the top or bottom PCB layer.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3407


유사한 부품 번호 - LM3407

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
LM3407 TI1-LM3407 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Shanghai Leiditech Elec...
LM3407 LEIDITECH-LM3407 Datasheet
512Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

유사한 설명 - LM3407

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407_09 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com