전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3407 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3407
상세설명  Constant Current Output Floating Buck Switching Converter for High Power LEDs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3407 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3407 Datasheet HTML 2Page - Texas Instruments LM3407 Datasheet HTML 3Page - Texas Instruments LM3407 Datasheet HTML 4Page - Texas Instruments LM3407 Datasheet HTML 5Page - Texas Instruments LM3407 Datasheet HTML 6Page - Texas Instruments LM3407 Datasheet HTML 7Page - Texas Instruments LM3407 Datasheet HTML 8Page - Texas Instruments LM3407 Datasheet HTML 9Page - Texas Instruments LM3407 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM3407
SNVS553B – JANUARY 2008 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, all curves shown are taken in typical application at VIN = 12V, TA = 25°C, and ILED = 350 mA
(driving two power LEDs).
Switch On Time vs Input Voltage
Operating Input Current vs Input Voltage
Figure 8.
Figure 9.
VCC Voltage vs Input Voltage
Output Current vs RISNS
Figure 10.
Figure 11.
Continuous Mode Operation
Switching Frequency vs RFS
(VIN = 12V, L = 33µH, fSW = 1MHz)
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3407


유사한 부품 번호 - LM3407

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
LM3407 TI1-LM3407 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Shanghai Leiditech Elec...
LM3407 LEIDITECH-LM3407 Datasheet
512Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

유사한 설명 - LM3407

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3407 NSC-LM3407 Datasheet
373Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
LM3407 NSC-LM3407_09 Datasheet
387Kb / 16P
   350 mA, Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Texas Instruments
LM3407 TI1-LM3407_11 Datasheet
370Kb / 18P
[Old version datasheet]   LM3407 350 mA, Constant Current Output Floating Buck Switching Converter
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com