전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3432 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3432
상세설명  6-Channel Current Regulator for LED Backlight Application
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3432 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3432 Datasheet HTML 7Page - Texas Instruments LM3432 Datasheet HTML 8Page - Texas Instruments LM3432 Datasheet HTML 9Page - Texas Instruments LM3432 Datasheet HTML 10Page - Texas Instruments LM3432 Datasheet HTML 11Page - Texas Instruments LM3432 Datasheet HTML 12Page - Texas Instruments LM3432 Datasheet HTML 13Page - Texas Instruments LM3432 Datasheet HTML 14Page - Texas Instruments LM3432 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VDIM
IOUT1
IOUT2
IOUT3
IOUT4
IOUT5
IOUT6
TON
TOFF
0.5 Ps
1.0 Ps
1.5 Ps
2.0 Ps
2.5 Ps
3.0 Ps
Time
T = TON + TOFF
LM3432, LM3432B
www.ti.com
SNVS498D – APRIL 2007 – REVISED MAY 2013
Figure 15. PWM Dimming Switching Timing
LED SHORT FAULT DETECT
With DHC
If the Dynamic Headroom Control (DHC) feature is used, the lowest voltage between the IOUT pins and ground
among the strings will be regulated to 0.625V typical (ILED = 20 mA) by lowering the LED supply rail voltage,
VLED. If an LED short fault condition occurs and causes the voltage between any of the IOUT pins and ground to
exceed the typical short fault threshold of 7.9V for more than 150 µs, the affected channel(s) will be latched off
and the FAULTb pin will be pulled to ground. The affected channel(s) will remain latched off until recycling power
or toggling the EN pin. All of the other channels that are not affected will continue to function normally.
Without DHC
In applications where the DHC function is not used, the IOUT pin voltage on each string will be the voltage
difference between the LED supply rail voltage, VLED, and the voltage drop across the entire LED string. If the
voltage between any of the IOUT pins and ground is less than 2V typical, the short fault detect feature will be
active for all channels. In the event an LED short fault condition occurs and causes the voltage between any of
the IOUT pin and ground to exceed the typical short fault threshold of 7.9V for more than 150
μs, the affected
channel(s) will be latched off and the FAULTb pin will be pulled to ground. The affected channel(s) will remain
latched off until recycling power or toggling the EN pin. All of the other channels that are not affected will
continue to function normally. If the voltages between all IOUT pins and ground are greater than 2V typical, the
Short Fault Detect feature will be disabled to prevent false triggering of the short fault detect function.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3432 LM3432B


유사한 부품 번호 - LM3432

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3432 NSC-LM3432 Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432 NSC-LM3432 Datasheet
2Mb / 16P
   LED Backlighting Solution with LM3430 and LM3432
LM3432B NSC-LM3432B Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432BSQ NSC-LM3432BSQ Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432BSQE NSC-LM3432BSQE Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
More results

유사한 설명 - LM3432

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3432 NSC-LM3432 Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
logo
ams AG
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
   6-channel white LED controller for LCD backlight
6??2??7
logo
List of Unclassifed Man...
WT7220 ETC2-WT7220 Datasheet
85Kb / 4P
   Current Regulator for LED
logo
STMicroelectronics
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
MagnaChip Semiconductor...
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
   Average Current Control Buck Controller for LED Backlight
logo
Princeton Technology Co...
PT6913AB PTC-PT6913AB Datasheet
266Kb / 4P
   Current Regulator for HV LED
logo
Kyocera Kinseki Corpota...
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
TCG062HVLDA-G20 KSS-TCG062HVLDA-G20 Datasheet
491Kb / 22P
   6.2 inch HVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com