전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3434 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM3434
상세설명  Common Anode Capable High Brightness LED Driver with High Frequency Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3434 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM3434 Datasheet HTML 7Page - Texas Instruments LM3434 Datasheet HTML 8Page - Texas Instruments LM3434 Datasheet HTML 9Page - Texas Instruments LM3434 Datasheet HTML 10Page - Texas Instruments LM3434 Datasheet HTML 11Page - Texas Instruments LM3434 Datasheet HTML 12Page - Texas Instruments LM3434 Datasheet HTML 13Page - Texas Instruments LM3434 Datasheet HTML 14Page - Texas Instruments LM3434 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
L =
0.3 x RON x CON
IRIPPLE
LM3434
www.ti.com
SNVS619B – MARCH 2010 – REVISED MAY 2013
INDUCTOR SELECTION
The most critical inductor parameters are inductance, current rating, and DC resistance. To calculate the
inductance, use the desired peak to peak LED ripple current (IRIPPLE), RON, and CON. A reasonable value for
IRIPPLE is 10% of ILED. The inductor value is calculated using the following equation:
(8)
For all VLED and VEE voltages, IRIPPLE remains constant and is only dependent on the passive external
components RON, CON, and L.
The I2R loss caused by the DC resistance of the inductor is an important parameter affecting the efficiency.
Lower DC resistance inductors are larger. A good tradeoff point between the efficiency and the core size is
letting the inductor I2R loss equal 1% to 2% of the output power. The inductor should have a current rating
greater than the peak current for the application. The peak current is ILED plus 1/2 IRIPPLE.
POWER FET SELECTION
FETs should be chosen so that the I2RDSON loss is less than 1% of the total output power. Analysis shows best
efficiency with around 8m
Ω of RDSON and 15nC of gate charge for a 6A application. All of the switching loss is in
the main switch FET. An additional important parameter for the synchronous FET is reverse recovery charge
(QRR). High QRR adversely affects the transient voltages seen by the IC. A low QRR FET should be used.
DIM FET SELECTION
Choose a DIM FET with the lowest RDSON for maximum efficieny and low input current draw during the DIM
cycle. The output voltage during DIM will determine the switching frequency. A lower output voltage results in a
lower switching frequency. If the lower frequency during DIM must be bound, choose a FET with a higher RDSON
to force the switching frequency higher during the DIM cycle.
Placement of the Parallel Dimming FET
When using a FET in parallel with the LED for PWM dimming special consideration must be used for the location
of the FET. The ideal placement of the FET is directly next to the LED. Any distance between this FET and the
LED results in line inductance. Fast current changes through this inductance can induce large voltage spikes due
to v = Ldi/dt. These can be mitigated by either reducing the distance between the FET and the LED and/or
slowing the PWM edges, and therefore the dt, by using some gate resistance on the FET. In cases where the
dimming FET is not placed close to the LED and/or very fast switching edges are desired the induced voltages
can become great enough to damage the dimming FET and/or the LM3434 HS pin. This can also result in a
large spike of current into the LED when the FET is turned off. In these cases a snubber should be placed across
the dimming FET to protect the device(s).
BOOTSTRAP CAPACITORS
The LM3434 uses two bootstrap capacitors and a bypass capacitor on VCC to generate the voltages needed to
drive the external FETs. A 2.2µF ceramic capacitor or larger is recommended between the VCC and LS pins. A
0.47µF is recommended between the HS and BST pins. A 0.1µF is recommended between BST2 and CGND.
SOFT-START CAPACITOR
The LM3434 integrates circuitry that, when used in conjunction with the SS pin, will slow the current ramp on
start-up. The SS pin is used to tailor the soft-start for a specific application. A capacitor value of 0.1µF on the SS
pin will yield a 12mS soft start time. For most applications soft start is not needed.
ENABLE OPERATION
The EN pin of the LM3434 is designed so that it may be controlled using a 1.6V or higher logic signal. If the
enable function is not used, the EN pin may be tied to VIN or left open. This pin is pulled to VIN internally through
a 100k pull up resistor.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3434


유사한 부품 번호 - LM3434

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
LM3434 NSC-LM3434 Datasheet
1Mb / 8P
   Evaluation Board adaptive constant on-time DC/DC buck
LM3434SQ NSC-LM3434SQ Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
LM3434SQX NSC-LM3434SQX Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
LM3434 NSC-LM3434_1 Datasheet
1Mb / 8P
   Evaluation Board adaptive constant on-time DC/DC buck
More results

유사한 설명 - LM3434

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3433 TI1-LM3433_14 Datasheet
165Kb / 15P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3433 NSC-LM3433 Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com