전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3475MF 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM3475MF
상세설명  Hysteretic PFET Buck Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475MF 데이터시트(HTML) 1 Page - Texas Instruments

  LM3475MF Datasheet HTML 1Page - Texas Instruments LM3475MF Datasheet HTML 2Page - Texas Instruments LM3475MF Datasheet HTML 3Page - Texas Instruments LM3475MF Datasheet HTML 4Page - Texas Instruments LM3475MF Datasheet HTML 5Page - Texas Instruments LM3475MF Datasheet HTML 6Page - Texas Instruments LM3475MF Datasheet HTML 7Page - Texas Instruments LM3475MF Datasheet HTML 8Page - Texas Instruments LM3475MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VOUT = 2.5V/2A
CIN
COUT
RFB1
RFB2
L1
D1
Q1
10 PF
100 PF
10 PH
1k
2.15k
Si2343
LM3475
VIN
EN
GND
PGATE
FB
1
2
3
4
5
CFF
1 nF
VIN = 5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3475
SNVS239C – OCTOBER 2004 – REVISED OCTOBER 2015
LM3475 Hysteretic PFET Buck Controller
1 Features
3 Description
The LM3475 is a hysteretic P-FET buck controller
1
Easy-to-Use Control Methodology
designed to support a wide range of high efficiency
0.8 V to VIN Adjustable Output Range
applications in a very small SOT-23-5 package. The
High Efficiency (90% Typical)
hysteretic control scheme has several advantages,
including simple system design with no external
±0.9% (±1.5% Over Temperature) Feedback
compensation, stable operation with a wide range of
Voltage
components, and extremely fast transient response.
100% Duty Cycle Capable
Hysteretic
control
also
provides
high
efficiency
Maximum Operating Frequency up to 2 MHz
operation, even at light loads. The PFET architecture
allows for low component count as well as 100% duty
Internal Soft-Start
cycle and ultra-low dropout operation.
Enable Pin
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TFT Monitor
LM3475
SOT-23 (5)
1.60 mm × 2.90 mm
Auto PC
(1) For all available packages, see the orderable addendum at
Vehicle Security
the end of the data sheet.
Navigation Systems
Notebook Standby Supply
Battery Powered Portable Applications
Distributed Power Systems
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM3475MF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3475MF NSC-LM3475MF Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
LM3475MFX NSC-LM3475MFX Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3475MF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com