전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3423-Q1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3423-Q1
상세설명  N-Channel Controllers for Constant-Current LED Drivers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3423-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  LM3423-Q1 Datasheet HTML 1Page - Texas Instruments LM3423-Q1 Datasheet HTML 2Page - Texas Instruments LM3423-Q1 Datasheet HTML 3Page - Texas Instruments LM3423-Q1 Datasheet HTML 4Page - Texas Instruments LM3423-Q1 Datasheet HTML 5Page - Texas Instruments LM3423-Q1 Datasheet HTML 6Page - Texas Instruments LM3423-Q1 Datasheet HTML 7Page - Texas Instruments LM3423-Q1 Datasheet HTML 8Page - Texas Instruments LM3423-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
LM3421, LM3421-Q1, LM3423, LM3423-Q1
www.ti.com
SNVS574F – JULY 2008 – REVISED JULY 2015
6.2 ESD Ratings: LM3421, LM3423
VALUE
UNIT
LM3421, LM3423
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
LM3421-Q1, LM3423-Q1,
LM3421-Q0, LM3423-Q0
Human body model (HBM), per AEC Q100-002(3)
±2000
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per AEC Q100-011
All Pins
±750
V
Pin 4
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
LM3421, LM3421Q1,
−40
125
°C
Operating junction
LM3423, LM3423Q1
temperature
LM3421Q0, LM3423Q0
−40
150
°C
Input voltage VIN
4.5
75
V
6.4 Thermal Information
LM3421,
LM3423,
LM3421-Q1
LM3423-Q1
THERMAL METRIC(1)
UNIT
PWP (HTSSOP)
PWP (HTSSOP)
16 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
38.9
36.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.1
21.5
°C/W
RθJB
Junction-to-board thermal resistance
16.8
18
°C/W
ψJT
Junction-to-top characterization parameter
0.6
0.5
°C/W
ψJB
Junction-to-board characterization parameter
16.6
17.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
1.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


유사한 부품 번호 - LM3423-Q1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3423 NSC-LM3423 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3423 NSC-LM3423 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3423 NSC-LM3423 Datasheet
972Kb / 10P
   The boost circuit can be easily redesigned for different
LM3423 NSC-LM3423 Datasheet
825Kb / 14P
   LM3423 Buck-Boost 2 Layer Evaluation Board evaluation board showcases most features
logo
Texas Instruments
LM3423 TI1-LM3423 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
More results

유사한 설명 - LM3423-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3421 TI1-LM3421_14 Datasheet
1Mb / 65P
[Old version datasheet]   N-Channel Controllers for Constant Current LED Drivers
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com