전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT657ANTE4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ABT657ANTE4
상세설명  OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT657ANTE4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT657ANTE4 Datasheet HTML 1Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 2Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 3Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 4Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 5Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 6Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 7Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 8Page - Texas Instruments SN74ABT657ANTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54ABT657A, SN74ABT657A
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS
AND 3-STATE OUTPUTS
SCBS192E – JANUARY 1991 – REVISED JUNE 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D Flow-Through Architecture Optimizes PCB
Layout
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Plastic (NT) and
Ceramic (JT) DIPs
description
Th
e'ABT657A
transceivers
have
eight
noninverting
buffers
with
parity-generator/
checker
circuits
and
control
signals.
The
transmit/receive (T/R) input determines the
direction of data flow. When T/R is high, data flows
from the A port to the B port (transmit mode); when
T/R is low, data flows from the B port to the A port
(receive mode). When the output-enable (OE)
input is high, both the A and B ports are in the
high-impedance state.
Odd or even parity is selected by a logic high or
low level on the ODD/EVEN input. PARITY carries
the parity-bit value; it is an output from the parity
generator/checker in the transmit mode and an
input to the parity generator/checker in the receive
mode.
In the transmit mode, after the A bus is polled to determine the number of high bits, PARITY is set to the logic
level that maintains the parity sense selected by the level at ODD/EVEN. For example, if ODD/EVEN is low
(even parity selected) and there are five high bits on the A bus, PARITY is set to the logic high level so that an
even number of the nine total bits (eight A-bus bits plus parity bit) are high.
In the receive mode, after the B bus is polled to determine the number of high bits, the error (ERR) output logic
level indicates whether or not the data to be received exhibits the correct parity sense. For example, if
ODD/EVEN is high (odd parity selected), PARITY is high, and there are three high bits on the B bus, ERR is
low, indicating a parity error.
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T/R
A1
A2
A3
A4
A5
VCC
A6
A7
A8
ODD/EVEN
ERR
OE
B1
B2
B3
B4
GND
GND
B5
B6
B7
B8
PARITY
SN54ABT657A . . . JT PACKAGE
SN74ABT657A . . . DW OR NT PACKAGE
(TOP VIEW)
32
1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
A3
A2
A1
NC
T/R
OE
B1
ODD/EVEN
ERR
PARITY
NC
B8
B7
B6
4
26
14 15 16 17 18
SN54ABT657A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


유사한 부품 번호 - SN74ABT657ANTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT657ANT TI-SN74ABT657ANT Datasheet
159Kb / 9P
[Old version datasheet]   OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT657ANTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT657A TI-SN54ABT657A Datasheet
159Kb / 9P
[Old version datasheet]   OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
54ACT16657 TI-54ACT16657 Datasheet
148Kb / 8P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16657 TI-SN54ABT16657_08 Datasheet
355Kb / 12P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
SN54ABT16657 TI-SN54ABT16657 Datasheet
183Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
54ACT16657 TI1-54ACT16657_08 Datasheet
348Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com