전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3549 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3549
상세설명  High Power Sequential LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 6Page - Texas Instruments LM3549 Datasheet HTML 7Page - Texas Instruments LM3549 Datasheet HTML 8Page - Texas Instruments LM3549 Datasheet HTML 9Page - Texas Instruments LM3549 Datasheet HTML 10Page - Texas Instruments LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
EEPROM
CONTROL
LOGIC
DYNAMIC REGISTERS
I
2C bus
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
CONTROL REGISTERS
Figure 17 shows the structure of the control registers. Control registers consists of volatile dynamic registers and
non volatile EEPROM.
Figure 17. Register Structure
All I2C register read write commands are done to volatile dynamic registers. Dynamic registers are also used to
set the device parameters. All registers except FAULT and EEPROM CONTROL register can be stored to
EEPROM. EEPROM values are automatically read to dynamic registers during startup. This makes device use
very versatile. After calibration device can be used even without I2C control. If system has I2C bus, control
registers can be written to adjust parameters on the fly. If registers need to be set back to default values this can
be done by first writing 04h to register 40h (EE init bit to “1”) followed by 01h to register 40h (EE read bit to “1”).
EEPROM PROGRAMMING
EEPROM values can be rewritten if device needs recalibration. This can be done for example if white point
changes due to aging effect of the LEDs. To store current register values to EEPROM user needs to first write
04h to register 40h (EE init bit to “1”) followed by 02h to register 40h (EE prog bit to “1”). LM3549 Internal charge
pump generates the high voltage required for programming the EEPROM. To be able to generate this high
voltage Vin needs to be set to 5V during EEPROM programming. EEPROM programming should be completed
within approximately 200 ms. Once EEPROM programming is completed LM3549 sets EE_ready bit to 1. After
this Vin voltage can be set back to normal operating level. EEPROM programming should always be done in
standby mode.
CURRENT SETTING
There are three 10 bit current settings for each driver. 10 bits are divided into two eight bit registers. First register
holds the eight least significant bits (LSB) and the second register holds the two most significant bits (MSB).
These settings are grouped into three banks. IR0, IG0 and IB0 form a bank0; IR1, IG1 and IB1 form a bank1 and
IR2, IG2 and IB2 form a bank2. For example IR0_MSB holds the two MSB for red on bank0 and IR0_LSB the
eight LSB for red on bank0. Bank is selected with BANK_SEL register (00 = bank0, 01 = bank1 and 10 or 11 =
bank2).
Current setting is linear up to 550mA output current (see figure LED Current vs Current Setting in Typical
Performance Characteristics). 550mA current is achieved with current setting ISET = 710. After this the current
step decreases slightly. For currents up to 550 mA current setting can be calculated using formula:
ISET = (target current in mA - 100 mA)/(650mA/1024)
Fot currents between 550mA and 700mA current setting can be calculated using formula:
ISET = (target current in mA - 550 mA)/0.479 mA + 710
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549


유사한 부품 번호 - LM3549

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3549 NSC-LM3549 Datasheet
2Mb / 8P
   Evaluation Kit high power LED driver with up to 700mA
More results

유사한 설명 - LM3549

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
CL8800K63-G SUTEX-CL8800K63-G Datasheet
745Kb / 7P
   Sequential Linear LED Driver
logo
Microchip Technology
CL8800 MICROCHIP-CL8800 Datasheet
890Kb / 14P
   Sequential Linear LED Driver
03/25/14
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com