전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3555 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3555
상세설명  Synchronous Boost Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3555 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
LM3555
SNVS594G – DECEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM3555
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: typical limits are for TA = 25°C; minimum and maximum limits apply over the full operating
ambient temperature range (
−30°C ≤ TA ≤ +85°C); VIN = 3.6 V.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
TA (minimum) = 0°C to account for self-heating. Current Limit specification uses VIN (maximum) = 4 V to account for the input voltage
range where current limit could be reached based upon the maximum application specifications for output voltage and diode current.
Operation above 4 V and up to 5.5 V is allowed and must not reach current limit.
ILIM
Peak current limit
2.7 V
≤ VIN ≤ 5.5 V
(3)
Current limit register
value = 00
1.183
1.250
1.55
A
Current limit register
value = 01
1.417
1.500
1.781
Current limit register
value = 10
1.512
1.750
2.025
Current limit register
value = 11
1.805
2
2.267
OSCILLATOR AND TIMING SPECIFICATIONS (NON-I2C INTERFACE TIMING)
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
1.91
(
−4.5%)
2
2.15
(7.5%)
MHz
tHW
Hardware flash timeout
Default timer
850
msec
tRU
Current ramp-up time
ILED = 0mA to ILED = fullscale,
VOUT = 6.5 V, VLED = 6.2 V
0.6
1
msec
tRD
Current ramp down time
ILED = fullscale to ILED = 0 mA
VOUT = 6.5 V, VLED = 6.2 V
0.2
0.5
msec
tTORCH-DG
Torch deglitching time
6.3
9
11.7
msec
CONTROL INTERFACE VOLTAGE SPECIFICATIONS
VI2C/EN
I2C/EN pin voltage
threshold
2.7 V
≤ VIN ≤ 5.5 V
Simple mode
0.54
V
I2C mode
1.26
VIL
Low-level threshold
voltage (SCL/EN1 and
SDA/EN2)
2.7 V
≤ VIN ≤ 5.5 V
0.54
V
VIH
High-level threshold
voltage (SCL/EN1 and
SDA/EN2)
2.7 V
≤ VIN ≤ 5.5 V
1.26
V
VOL
Low-level output
threshold limit
(SDA/EN2)
ILOAD = 3 mA
0.4
V


유사한 부품 번호 - LM3555

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3555 NSC-LM3555 Datasheet
120Kb / 2P
   Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
logo
Texas Instruments
LM3555 TI-LM3555 Datasheet
1Mb / 33P
[Old version datasheet]   LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
[Old version datasheet]   LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
More results

유사한 설명 - LM3555

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com