전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3633YFQR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3633YFQR
상세설명  Complete Lighting Power Solution for Smartphone Handsets
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3633YFQR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3633YFQR Datasheet HTML 2Page - Texas Instruments LM3633YFQR Datasheet HTML 3Page - Texas Instruments LM3633YFQR Datasheet HTML 4Page - Texas Instruments LM3633YFQR Datasheet HTML 5Page - Texas Instruments LM3633YFQR Datasheet HTML 6Page - Texas Instruments LM3633YFQR Datasheet HTML 7Page - Texas Instruments LM3633YFQR Datasheet HTML 8Page - Texas Instruments LM3633YFQR Datasheet HTML 9Page - Texas Instruments LM3633YFQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
LM3633
SNVS867 – JUNE 2014
www.ti.com
Electrical Characteristics (continued)
Limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C) and VIN = 3.6 V, unless otherwise
specified.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVLED current sink
Full-scale current = 20.2
IMATCH_LV
2.7 V
≤ VIN ≤ 5.5 V
−3.1%
2%
matching (4)
mA
Minimum current sink
125
ILED = 95% of nominal, full-
VHR_LV
headroom voltage for
scale current = 20.2 mA
TA = 25°C
80
LVLED current sinks
mV
2.7 V
≤ VIN ≤ 5.5 V
65
190
Threshold for gain
VGTH
transition
TA = 25°C
125
Charge Pump Output
VCPOUT
2X Gain
TA = 25°C
4.42
V
Voltage
1X Gain, output referred
3 V
≤ VIN ≤ 5.5 V
180
350
ICL_PUMP
Charge pump current limit
mA
2X Gain
TA = 25°C
240
Charge pump output
ROUT
1X Gain
TA = 25°C
1.1
resistance
HWEN INPUT
VHWEN_L
Logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.4
V
VHWEN_H
Logic High
2.7 V
≤ VIN ≤ 5.5 V
1.2
VIN
PWM INPUT
VPWM_L
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
400
mV
VPWM_H
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.36
VIN
Minimum PWM input
µs
tPWM
2.7 V
≤ VIN ≤ 5.5 V, PWM Zero Detect Enabled
0.75
pulse
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
400
mV
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.35
VIN
V
VOL
Output logic low (SDA)
2.7 V
≤ VIN ≤ 5.5 V, ILOAD = 3 mA
400
mV
(4)
LED current sink matching in the low-voltage current sinks (LVLED1 through LVLED3 or LVLED4 through LVLED6) is given as the
maximum matching value between any two current sinks, where the matching between any two low voltage current sinks (X and Y) is
given as (ILVLEDX ( or ILVLEDY) - IAVE(X-Y))/(IAVE(X-Y)) x 100. In this test LVLED1-3 current sinks are assigned to Bank C and LVLED4-6 are
assigned to Bank F.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3633


유사한 부품 번호 - LM3633YFQR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

유사한 설명 - LM3633YFQR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3533 TI1-LM3533_15 Datasheet
1Mb / 63P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
logo
National Semiconductor ...
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
   Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
   Complete Baseband Processor for DECT Handsets
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
   Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Lumileds Lighting Compa...
DS66 LUMILEDS-DS66 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com