전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3687 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM3687
상세설명  Step-Down DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3687 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM3687_15 Datasheet HTML 3Page - Texas Instruments LM3687_15 Datasheet HTML 4Page - Texas Instruments LM3687_15 Datasheet HTML 5Page - Texas Instruments LM3687_15 Datasheet HTML 6Page - Texas Instruments LM3687_15 Datasheet HTML 7Page - Texas Instruments LM3687_15 Datasheet HTML 8Page - Texas Instruments LM3687_15 Datasheet HTML 9Page - Texas Instruments LM3687_15 Datasheet HTML 10Page - Texas Instruments LM3687_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM3687
www.ti.com
SNVS473B – DECEMBER 2007 – REVISED MAY 2013
Electrical Characteristics: System Parameters Supply
(1) (2)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
IQ_VBATT
Quiescent current into
EN_LIN = low, EN_DCDC = high, IOUT_DCDC =
VBATT
IOUT_LIN = 0mA, DC-DC is not switching
27
60
µA
(FB_DCDC forced higher than VOUT_DCDC)
EN_LIN = high, EN_DCDC = low
55
µA
EN_LIN = EN_DCDC = high
65
µA
Shutdown current into
VEN_DCDC = VEN_LIN = 0V
0.1
5
µA
VBATT
-30°C
≤ TJ ≤ +85°C
(1)
All voltages are with respect to the potential at the SGND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
Electrical Characteristics: Under-Voltage Protection
(1) (2)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
VBATT_UVP
Under-Voltage Lockout
2.41
V
VBATT_EN
System Enable Voltage
2.65
V
(1)
All voltages are with respect to the potential at the SGND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
Electrical Characteristics: Enable Pins (EN_DCDC, EN_LIN)
(1) (2)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Enable pin input
IEN
0.01
1
µA
current
Logic High voltage
VIH
1.0
V
level
VIL
Logic Low voltage level
0.4
V
(1)
All voltages are with respect to the potential at the SGND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
Electrical Characteristics: Thermal Protection
(1) (2)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
Thermal-Shutdown
TSHDN
(3)
160
°C
Temperature
Thermal-Shutdown
ΔTSHDN
20
°C
Hysteresis
(1)
All voltages are with respect to the potential at the SGND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm. Unless otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The DC-DC converter will only enter thermal shutdown from PWM mode. At light loads -present for PFM mode- no significant
contribution to the power dissipation is added by the DC-DC converter.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3687


유사한 부품 번호 - LM3687_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3687TL-1812 NSC-LM3687TL-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TL-1813 NSC-LM3687TL-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TL-1815 NSC-LM3687TL-1815 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TLX-1812 NSC-LM3687TLX-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
LM3687TLX-1813 NSC-LM3687TLX-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
More results

유사한 설명 - LM3687_15

제조업체부품명데이터시트상세설명
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com