전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27966 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM27966
상세설명  LM27966 White LED Driver with I2C Compatible Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27966 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM27966 Datasheet HTML 5Page - Texas Instruments LM27966 Datasheet HTML 6Page - Texas Instruments LM27966 Datasheet HTML 7Page - Texas Instruments LM27966 Datasheet HTML 8Page - Texas Instruments LM27966 Datasheet HTML 9Page - Texas Instruments LM27966 Datasheet HTML 10Page - Texas Instruments LM27966 Datasheet HTML 11Page - Texas Instruments LM27966 Datasheet HTML 12Page - Texas Instruments LM27966 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
0
bit7
0
bit6
1
bit5
T1
bit4
EN-D5
bit3
EN-AUX
bit2
T0
bit1
EN-MAIN
bit0
MSB
LSB
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
0
0
1
1
1
1
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDIO
start
Id = 36h
w
ack
addr = 10h
ack
ack
DGGUHVV K¶06 data
stop
LM27966
www.ti.com
SNVS448B – JULY 2006 – REVISED MAY 2013
Figure 9. Write Cycle
w = write (SDIO = "0")
r = read (SDIO = "1")
ack = acknowledge (SDIO pulled down by either master or slave)
rs = repeated start
id = chip address, 36h for LM27966
I2C COMPATIBLE CHIP ADDRESS
The chip address for LM27966 is 0110110, or 36h.
Figure 10. Chip Address
INTERNAL REGISTERS OF LM27966
Register
Internal Hex Address
Power On Value
General Purpose Register
10h
0010 0000
Main Display Brightness Control Register
A0h
1110 0000
Auxiliary LED Brightness Control Register
C0h
1111 1100
Figure 11. General Purpose Register Description
Internal Hex Address: 10h
NOTE
EN-MAIN: Enables Dx LED drivers (Main Display)
T0: Must be set to '0'
EN-AUX: Enables DAUX LED driver (Indicator Lighting)
EN-D5: Enables D5 LED voltage sense
T1: Must be set to '0'
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27966


유사한 부품 번호 - LM27966

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQ NSC-LM27966SQ Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQX NSC-LM27966SQX Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results

유사한 설명 - LM27966

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com