전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYX140N90C3 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 IXYX140N90C3
상세설명  XPTTM 900V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX140N90C3 데이터시트(HTML) 4 Page - IXYS Corporation

  IXYX140N90C3 Datasheet HTML 1Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 2Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 3Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 4Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 5Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYK140N90C3
IXYX140N90C3
Fig. 7. Transconductance
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
200
IC - Amperes
TJ = - 40ºC, 25ºC, 150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
50
100
150
200
250
300
100
200
300
400
500
600
700
800
900
VCE - Volts
TJ = 150ºC
RG = 1
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.0001
0.001
0.01
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
QG - NanoCoulombs
VCE = 450V
I C = 140A
I G = 10mA
Fig. 9. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


유사한 부품 번호 - IXYX140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
More results

유사한 설명 - IXYX140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com