전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT244PWRG4 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ACT244PWRG4
상세설명  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244PWRG4 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ACT244PWRG4 Datasheet HTML 1Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 2Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 3Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 4Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 5Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 6Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 7Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 8Page - Texas Instruments SN74ACT244PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN54ACT244, SN74ACT244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS517C − JUNE 1995 − REVISED OCTOBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ACT244
SN74ACT244
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
24
24
mA
Δt/Δv
Input transition rise or fall rate
8
8
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54ACT244
SN74ACT244
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
I
50 A
4.5 V
4.4
4.49
4.4
4.4
IOH = −50 μA
5.5 V
5.4
5.49
5.4
5.4
V
I
24
A
4.5 V
3.86
3.7
3.76
V
VOH
IOH = −24 mA
5.5 V
4.86
4.7
4.76
V
IOH = −50 mA
5.5 V
3.85
IOH = −75 mA
5.5 V
3.85
I
50 A
4.5 V
0.001
0.1
0.1
0.1
IOL = 50 μA
5.5 V
0.001
0.1
0.1
0.1
V
I
24 mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA
5.5 V
1.65
IOL = 75 mA
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
±0.25
±5
±2.5
μA
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
μA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
μA
ΔICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.6
1.6
1.5
mA
Ci
VI = VCC or GND
5 V
2.5
pF
Co
VI = VCC or GND
5 V
8
pF
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.


유사한 부품 번호 - SN74ACT244PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT244PWRG4 TI-SN74ACT244PWRG4 Datasheet
699Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244PWRG4 TI1-SN74ACT244PWRG4 Datasheet
2Mb / 38P
[Old version datasheet]   SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
SN74ACT244PWRG4 TI1-SN74ACT244PWRG4 Datasheet
2Mb / 38P
[Old version datasheet]   SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
MARCH 2024
More results

유사한 설명 - SN74ACT244PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com