전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT158PWLE 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74AHCT158PWLE
상세설명  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT158PWLE 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHCT158PWLE Datasheet HTML 1Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 2Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 3Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 4Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 5Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 6Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 7Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 8Page - Texas Instruments SN74AHCT158PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54AHCT158, SN74AHCT158
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SCLS348J – MAY 1996 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT158
SN74AHCT158
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
V
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
V
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT158
SN74AHCT158
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
4.1**
6.4**
1**
7.5**
1
7.5
ns
tPHL
A or B
Y
CL = 15 pF
4.1**
6.4**
1**
7.5**
1
7.5
ns
tPLH
A/B
Y
CL =15 pF
5.3**
8.1**
1**
9.5**
1
9.5
ns
tPHL
A/B
Y
CL = 15 pF
5.3**
8.1**
1**
9.5**
1
9.5
ns
tPLH
G
Y
CL =15 pF
5.6**
8.6**
1**
10**
1
10
ns
tPHL
G
Y
CL = 15 pF
5.6**
8.6**
1**
10**
1
10
ns
tPLH
AorB
Y
CL =50 pF
5.6
8.7
1
10.8
1
9.8
ns
tPHL
A or B
Y
CL = 50 pF
5.6
8.7
1
10.8
1
9.8
ns
tPLH
A/B
Y
CL =50 pF
6.8
10.4
1
13.2
1
12
ns
tPLH
A/B
Y
CL = 50 pF
6.8
10.4
1
13.2
1
12
ns
tPLH
G
Y
CL =50 pF
7.1
11
1
13.5
1
12
ns
tPHL
G
Y
CL = 50 pF
7.1
11
1
13.5
1
12
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHCT158
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.8
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74AHCT158PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT158PW TI-SN74AHCT158PW Datasheet
108Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

유사한 설명 - SN74AHCT158PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com