전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT86PWRG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AHCT86PWRG4
상세설명  Quadruple 2-Input Exclusive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT86PWRG4 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHCT86PWRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT86PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN54AHCT86, SN74AHCT86
www.ti.com
SCLS250N – OCTOBER 1995 – REVISED AUGUST 2014
7.4 Thermal Information
SN74AHCT86
THERMAL METRIC(1)
D
DB
DGV
N
NS
PW
RGY
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
97.5
109.5
133.3
59.7
92.2
125.1
59.0
RθJC(top)
Junction-to-case (top) thermal resistance
58.7
62.1
55.6
47.3
49.8
53.7
72.5
RθJB
Junction-to-board thermal resistance
51.8
56.9
66.3
39.5
51.0
66.9
35.0
Junction-to-top characterization
ψJT
22.6
22.6
7.8
32.4
15.7
7.6
3.9
°C/W
parameter
Junction-to-board characterization
ψJB
51.6
56.3
56.6
39.4
50.6
66.3
35.1
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
n/a
n/a
n/a
n/a
n/a
n/a
15.4
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
TA = 25°C
SN54AHCT86
SN74AHCT86
SN74AHCT86
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
IOH = −50 µA
4.4
4.5
4.4
4.4
4.4
VOH
4.5 V
V
IOH = −8 mA
3.94
3.8
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
±1
µA
5.5 V
ICC
VI = VCC or GND, IO = 0
5.5 V
2
20
20
20
µA
One input at 3.4 V,
ΔICC
(2)
5.5 V
1.35
1.5
1.5
1.5
mA
Other inputs at VCC or GND
Ci
VI = VCC or GND
5 V
4
10
10
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(2)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
7.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
TA = 25°C
FROM
TO
LOAD
SN54AHCT86
SN74AHCT86
SN74AHCT86
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
5
(1)
6.9
(1)
1
(1)
8
(1)
1
8
1
9
A or B
Y
CL = 15 pF
ns
tPHL
5
(1)
6.9
(1)
1
(1)
8
(1)
1
8
1
9
tPLH
5.5
8.8
1
10
1
9
1
11
A or B
Y
CL = 50 pF
ns
tPHL
5.5
8.8
1
10
1
9
1
11
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHCT86 SN74AHCT86


유사한 부품 번호 - SN74AHCT86PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT86PWRG4 TI-SN74AHCT86PWRG4 Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86PWRG4 TI-SN74AHCT86PWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

유사한 설명 - SN74AHCT86PWRG4

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com