전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N-SP-5DSFA-CF 데이터시트(PDF) 5 Page - DDK Ltd.

부품명 N-SP-5DSFA-CF
상세설명  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DDK [DDK Ltd.]
홈페이지  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-SP-5DSFA-CF 데이터시트(HTML) 5 Page - DDK Ltd.

  N-SP-5DSFA-CF Datasheet HTML 1Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 2Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 3Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 4Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 5Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 6Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 7Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 8Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Straight Cable Jack
5
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
N-LP-58U
(L1)
φ21
φ21
(L1)
N-LP-8U
φ21
(47.0)
ジャック
N-J-3
N-J-5
N-J-8
N-J-10
(46)
(L)
(L)
(52.7)
Clamp Type
Part Number
Applicable
Cable
φA
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-J-3-CF
3C-2V
6.2
Ag
Ag
2
3D-2V
N-J-3-Ni-CF
3C-2V
6.2
Ni
Ag
2
3D-2V
N-J-58U-CF
RG-58/U
5.4
Ag
Ag
2
N-J-58U-Ni-CF
RG-58/U
5.4
Ni
Ag
2
Part Number
Applicable
Cable
φA φB
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-J-10-CF
10C-2V
14.2 22.2
Ag
Ag
5
10D-2V
N-J-10-Ni-CF
10C-2V
14.2 22.2
Ni
Ag
5
10D-2V
N-J-10DFB-1-CF
10D-FB
14.2 22.2
Ni
Ag
5
Part Number
Applicable
Cable
φA (L)
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-J-5-CF
5D-2V
8.6
47.0
Ag
Ag
2
N-J-5-Ni-CF
5D-2V
8.6
47.0
Ni
Ag
2
N-J-8U-CF
RG-8/U
11.2 47.0
Ag
Ag
2
RG-9/U
N-J-8U-Ni-CF
RG-8/U
11.2 47.0
Ni
Ag
2
RG-9/U
Part Number
Applicable
Cable
φA φB (L)
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-J-8-1-CF
8D-2V
12.7 19.1 41.2
Ag
Ag
5
N-J-8-1-Ni-CF
8D-2V
12.7 19.1 41.2
Ni
Ag
5
UG-23D/U-CF
RG-8/U
11.2 19.0 40.0
Ag
Ag
5
RG-9/U


유사한 부품 번호 - N-SP-5DSFA-CF

제조업체부품명데이터시트상세설명
logo
DDK Ltd.
N-SA-JJ-HG DDK-N-SA-JJ-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D1 DDK-N-SA-JJ-HG-D1 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D2 DDK-N-SA-JJ-HG-D2 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D3 DDK-N-SA-JJ-HG-D3 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JP-HG DDK-N-SA-JP-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
More results

유사한 설명 - N-SP-5DSFA-CF

제조업체부품명데이터시트상세설명
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com