전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3711 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3711
상세설명  LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3711 데이터시트(HTML) 4 Page - Texas Instruments

  LM3711 Datasheet HTML 1Page - Texas Instruments LM3711 Datasheet HTML 2Page - Texas Instruments LM3711 Datasheet HTML 3Page - Texas Instruments LM3711 Datasheet HTML 4Page - Texas Instruments LM3711 Datasheet HTML 5Page - Texas Instruments LM3711 Datasheet HTML 6Page - Texas Instruments LM3711 Datasheet HTML 7Page - Texas Instruments LM3711 Datasheet HTML 8Page - Texas Instruments LM3711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM3710, LM3711
SNVS150E – NOVEMBER 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to 6.0V
All Other Inputs
−0.3V to VCC + 0.3V
ESD Ratings (3)
Human Body Model
1.5kV
Machine Model
150V
Power Dissipation
(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The Human Body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ-A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated
using:
Where the value of
θJ-A for the VSSOP-10 package is 195°C/W in a typical PC board mounting and the DSBGA package is 220°C/W.
Operating Ratings
(1)
Temperature Range
−40°C ≤ TJ ≤ 85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed conditions.
LM3710/LM3711 Series Electrical Characteristics
Limits in the standard typeface are for TJ = 25°C and limits in boldface type apply over full operating range. Unless otherwise
specified: VCC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage
LM3710
1.0
5.5
V
Range: VCC
LM3711
1.2
5.5
ICC
VCC Supply Current
All inputs = VCC; all outputs floating
28
50
µA
RESET THRESHOLD
VRST
Reset Threshold
VCC falling
−0.5
+0.5
−2
+2
VRST
%
VCC falling: TA = 0°C to 70°C
−1.5
+1.5
VRSTH
Reset Threshold
0.0032•VRST
mV
Hysteresis
tRP
Reset Timeout Period Reset Timeout Period = E, J, N, S
1
1.4
2
Reset Timeout Period = F, K, P, T
20
28
40
ms
Reset Timeout Period = G, L, Q, U
140
200
280
Reset Timeout Period = H, M, R, V
1120
1600
2240
tRD
VCCto Reset Delay
VCCfalling at 1mV/µs
20
µs
RESET (LM3711)
VOL
RESET
VCC > 2.25V, ISINK = 900µA
0.3
VCC > 2.7V, ISINK = 1.2mA
0.3
V
VCC > 4.5V, ISINK = 3.2mA
0.4
VOH
RESET
VCC > 1.2V, ISOURCE = 50µA
0.8 VCC
VCC > 1.8V, ISOURCE = 150µA
0.8 VCC
VCC > 2.25V, ISOURCE = 300µA
0.8 VCC
V
VCC > 2.7V, ISOURCE = 500µA
0.8 VCC
VCC > 4.5V, ISOURCE = 800µA
VCC − 1.5V
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3710 LM3711


유사한 부품 번호 - LM3711

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3711 NSC-LM3711 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBP-308 NSC-LM3711XQBP-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQBPX-308 NSC-LM3711XQBPX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMM-308 NSC-LM3711XQMM-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3711XQMMX-308 NSC-LM3711XQMMX-308 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
More results

유사한 설명 - LM3711

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3706 NSC-LM3706 Datasheet
217Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output and Watchdog Timer
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com