전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3723 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3723
상세설명  LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3723 데이터시트(HTML) 4 Page - Texas Instruments

  LM3723 Datasheet HTML 1Page - Texas Instruments LM3723 Datasheet HTML 2Page - Texas Instruments LM3723 Datasheet HTML 3Page - Texas Instruments LM3723 Datasheet HTML 4Page - Texas Instruments LM3723 Datasheet HTML 5Page - Texas Instruments LM3723 Datasheet HTML 6Page - Texas Instruments LM3723 Datasheet HTML 7Page - Texas Instruments LM3723 Datasheet HTML 8Page - Texas Instruments LM3723 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM3722, LM3723, LM3724
SNVS154E – MAY 2001 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Typical values are at TA = +25°C. Limits with standard typeface are for TA = +25°C, and limits in boldface type apply for the
operating temperature range (
−40°C to +85°C) for LM372_IM5X, and (−40°C to +125°C) for LM372_EM5X, unless otherwise
noted.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
2.3
VCC > VTH(MAX), LM372_ -4.63
VIL
0.8
MR Input Threshold
V
VIH
0.7 VCC
VCC > VTH(MAX), LM372_ -3.08, LM372_ -2.32
VIL
0.25 VCC
MR Pull-Up Resistance
22
k
Ω
VCC = VTH min, ISINK = 1.2mA, (LM3722-
0.3
2.32/3.08)
RESET Output Voltage Low
VOL
V
(LM3722)
VCC = VTH min, ISINK = 3.2mA, (LM3722-4.63)
0.4
VCC > 1V, ISINK = 50µA
0.3
VCC > VTH max, ISOURCE = 500µA, (LM3722-
0.8VCC
RESET Output Voltage High
2.32/3.08)
VOH
V
(LM3722)
VCC > VTH max, ISOURCE = 800µA, (LM3722-4.63)
VCC−1.5
VCC = VTH max, ISINK = 1.2mA
0.3
(LM3723 -2.32/3.08)
RESET Output Voltage Low
VOL
V
(LM3723)
VCC = VTH max, ISINK = 3.2mA
0.4
(LM3723 -4.63)
VOH
RESET Output Voltage High
0.8VCC
V
1.8V < VCC < VTH min, ISOURCE = 150µA
(LM3723)
VOL
RESET Output Voltage Low
VCC = VTH min, ISINK = 1.2 mA
0.3
V
(LM3724)
(LM3724 -2.32/3.08)
VCC = VTH min, ISINK = 3.2 mA
0.4
(LM3724 -4.63)
VCC > 1V, ISINK = 50µA
0.3
IIN
RESET Output Leakage Current
0.5
µA
VCC > VTH, RESET = 5.5V
(LM3724)
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM3722 LM3723 LM3724


유사한 부품 번호 - LM3723

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3723 NSC-LM3723 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3723EM5-2.32 NSC-LM3723EM5-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3723EM5-3.08 NSC-LM3723EM5-3.08 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3723EM5-4.63 NSC-LM3723EM5-4.63 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3723EM5X-2.32 NSC-LM3723EM5X-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
More results

유사한 설명 - LM3723

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com