전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040C25QDBZRG4 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4040C25QDBZRG4
상세설명  Precision Micropower Shunt Voltage Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25QDBZRG4 데이터시트(HTML) 3 Page - Texas Instruments

  LM4040C25QDBZRG4 Datasheet HTML 1Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 2Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 3Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 4Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 5Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 6Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 7Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 8Page - Texas Instruments LM4040C25QDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
LM4040A10, LM4040A20
www.ti.com
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
Table 1. Device Comparison Table(1)
DEVICE
ORDERABLE
TA
VKA
GRADE
PART NUMBER
2.048 V
LM4040A20I
2.5 V
LM4040A25I
A grade:
0.1% initial
3 V
LM4040A30I
accuracy
and
4.096 V
LM4040A41I
100 ppm/°C
5 V
LM4040A50I
temperature
coefficient
8.192 V
LM4040A82I
10 V
LM4040A10I
–40°C to 85°C
2.048 V
LM4040B20I
2.5 V
LM4040B25I
B grade:
0.2% initial
3 V
LM4040B30I
accuracy
and
4.096 V
LM4040B41I
100 ppm/°C
5 V
LM4040B50I
temperature
coefficient
8.192 V
LM4040B82I
10 V
LM4040B10I
2.048 V
LM4040C20I
2.5 V
LM4040C25I
C grade:
0.5% initial
3 V
LM4040C30I
accuracy
–40°C to 85°C
and
4.096 V
LM4040C41I
100 ppm/°C
5 V
LM4040C50I
temperature
coefficient
8.192 V
LM4040C82I
10 V
LM4040C10I
2.048 V
LM4040D20I
2.5 V
LM4040D25I
D grade:
1.0% initial
3 V
LM4040D30I
accuracy
–40°C to 85°C
and
4.096 V
LM4040D41I
150 ppm/°C
5 V
LM4040D50I
temperature
coefficient
8.192 V
LM4040D82I
10 V
LM4040D10I
C grade:
2.048 V
LM4040C20Q
0.5% initial
2.5 V
LM4040C25Q
accuracy
and
3 V
LM4040C30Q
100 ppm/°C
temperature
5 V
LM4040C50Q
coefficient
–40°C to 125°C
D grade:
2.048 V
LM4040D20Q
1.0% initial
2.5 V
LM4040D25Q
accuracy
and
3 V
LM4040D30Q
150 ppm/°C
temperature
5 V
LM4040D50Q
coefficient
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4040A10 LM4040A20


유사한 부품 번호 - LM4040C25QDBZRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040C25QDBZRG4 TI-LM4040C25QDBZRG4 Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25QDBZRG4 TI-LM4040C25QDBZRG4 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25QDBZRG4 TI1-LM4040C25QDBZRG4 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4040C25QDBZRG4

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com