전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040DIM3X-2.5 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4040DIM3X-2.5
상세설명  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3X-2.5 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM4040DIM3X-2.5 Datasheet HTML 5Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 6Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 7Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 8Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 9Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 10Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 11Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 12Page - Texas Instruments LM4040DIM3X-2.5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'I' (continued)
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C
measurement after cycling to temperature 125°C.
ΔVR/ΔIR
Reverse Breakdown
Voltage Change
with Operating
Current Change(4)
IRMIN ≤ IR ≤ 1 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
0.3
0.8
mV
TA = TJ = TMIN to TMAX
1
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
1 mA
≤ IR ≤ 15 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
2.5
6
TA = TJ = TMIN to TMAX
8
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
ZR
Reverse Dynamic
Impedance
IR = 1 mA, f = 120 Hz
IAC = 0.1 IR
LM4040CIM3
LM4040CIZ
LM4040CIM7
0.3
0.9
Ω
LM4040DIM3
LM4040DIZ
LM4040DIM7
0.3
1.1
LM4040EIZ
LM4040EIM7
0.3
1.1
eN
Wideband Noise
IR = 100 μA
10 Hz
≤ f ≤ 10 kHz
35
μVrms
ΔVR
Reverse Breakdown
Voltage Long Term
Stability
t = 1000 hrs
T = 25°C ±0.1°C
IR = 100 μA
120
ppm
VHYST
Thermal
Hysteresis(5)
ΔT = −40°C to 125°C
0.08%


유사한 부품 번호 - LM4040DIM3X-2.5

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4040DIM3X-2.5 NSC-LM4040DIM3X-2.5 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040DIM3X-2.5 NSC-LM4040DIM3X-2.5 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3X-2.5 TI1-LM4040DIM3X-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040DIM3X-2.5/NOPB TI1-LM4040DIM3X-2.5/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4040DIM3X-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com