전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC1G32DCKT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC1G32DCKT
상세설명  SN74AHC1G32 Single 2-Input Positive-OR Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G32DCKT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AHC1G32DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 9Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 10Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 11Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 12Page - Texas Instruments SN74AHC1G32DCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AC
HC
AHC
5 V
µC
VCC
0.1 F
µ
5-V Driver
3.3 V - 5 V Regulated
SN74AHC1G32
www.ti.com
SCLS317O – MARCH 1996 – REVISED JULY 2014
10 Application and Implementation
10.1 Application Information
The SN74AHC1G32 is a low-drive CMOS device that can be used for a multitude of bus-interface type
applications where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and
undershoot on the outputs. The inputs can except voltages to 5.5 V at any valid VCC making it ideal for down
translation.
10.2 Typical Application
Figure 4. Specific Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
Recommended input conditions
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC
Recommend output conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part
Outputs should not be pulled above VCC
10.2.3 Application Curves
Figure 5. Switching Characteristics Comparison
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AHC1G32


유사한 부품 번호 - SN74AHC1G32DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
239Kb / 9P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI-SN74AHC1G32DCKT Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32DCKT TI1-SN74AHC1G32DCKT Datasheet
1Mb / 27P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

유사한 설명 - SN74AHC1G32DCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G32-Q1 TI1-SN74AHC1G32-Q1_V01 Datasheet
1Mb / 23P
[Old version datasheet]   SN74AHC1G32-Q1 Automotive Single 2-Input Positive-OR Gate
REVISED AUGUST 2023
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com