전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVC244PW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALVC244PW
상세설명  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC244PW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALVC244PW Datasheet HTML 1Page - Texas Instruments SN74ALVC244PW Datasheet HTML 2Page - Texas Instruments SN74ALVC244PW Datasheet HTML 3Page - Texas Instruments SN74ALVC244PW Datasheet HTML 4Page - Texas Instruments SN74ALVC244PW Datasheet HTML 5Page - Texas Instruments SN74ALVC244PW Datasheet HTML 6Page - Texas Instruments SN74ALVC244PW Datasheet HTML 7Page - Texas Instruments SN74ALVC244PW Datasheet HTML 8Page - Texas Instruments SN74ALVC244PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
DESCRIPTION/ORDERING INFORMATION
SN74ALVC244
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES188G – FEBRUARY 1999 – REVISED OCTOBER 2004
ESD Protection Exceeds JESD 22
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
Max tpd of 2.8 ns at 3.3 V
– 200-V Machine Model (A115-A)
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This octal buffer/line driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC244 is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE is
low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN - RGY
Tape and reel
SN74ALVC244RGYR
VA244
Tube
SN74ALVC244DW
SOIC - DW
ALVC244
Tape and reel
SN74ALVC244DWR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC244NSR
ALVC244
Tube
SN74ALVC244PW
TSSOP - PW
VA244
Tape and reel
SN74ALVC244PWR
TVSOP - DGV
Tape and reel
SN74ALVC244DGVR
VA244
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74ALVC244PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC244PW TI-SN74ALVC244PW Datasheet
549Kb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244PWE4 TI-SN74ALVC244PWE4 Datasheet
549Kb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244PWR TI-SN74ALVC244PWR Datasheet
549Kb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244PWRE4 TI-SN74ALVC244PWRE4 Datasheet
549Kb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVC244PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com