전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVC16245DL 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74ALVC16245DL
상세설명  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16245DL 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ALVC16245DL Datasheet HTML 1Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 2Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 3Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 4Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 5Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 6Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 7Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 8Page - Texas Instruments SN74ALVC16245DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74ALVC16245
16BIT BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS419D − JANUARY 1993 − REVISED AUGUST 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
TA = − 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
IOH = − 100 µA
MIN to MAX
VCC −0.2
IOH = − 6 mA,
VIH = 1.7 V
2.3 V
2.0
VOH
VIH = 1.7 V
2.3 V
1.7
V
VOH
IOH = − 12 mA
VIH = 2 V
2.7 V
2.2
V
IOH = − 12 mA
VIH = 2 V
3 V
2.4
IOH = − 24 mA,
VIH = 2 V
3 V
2
IOL = 100 µA
MIN to MAX
0.2
IOL = 6 mA,
VIL = 0.7 V
2.3 V
0.4
VOL
IOL = 12 mA
VIL = 0.7 V
2.3 V
0.7
V
VOL
IOL = 12 mA
VIL = 0.8 V
2.7 V
0.4
V
IOL = 24 mA,
VIL = 0.8 V
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.7 V
2.3 V
45
Ihold
VI = 1.7 V
2.3 V
−45
A
Ihold
VI = 0.8 V
3 V
75
µA
VI = 2 V
3 V
−75
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
nICC
VCC = 3 V to 3.6 V,
Other inputs at VCC or GND
One input at VCC − 0.6 V,
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
9
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ All typical values are at VCC = 3.3 V.
§ For I/O ports, the parameter IOZ includes the input leakage current.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V ±
0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
1
5
4
1
3.6
ns
ten
OE
B or A
1
6.8
6
1
5
ns
tdis
OE
B or A
1
6
5.2
1
5
ns
operating characteristics, TA = 25° C
PARAMETER
TEST CONDITIONS
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 10 MHz
22
29
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
4
5
pF


유사한 부품 번호 - SN74ALVC16245DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC16245 TI-SN74ALVC16245 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVC16245DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com