전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH162344GRG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74ALVCH162344GRG4
상세설명  1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH162344GRG4 데이터시트(HTML) 4 Page - Texas Instruments

  74ALVCH162344GRG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH162344GRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCH162344
1-BIT TO 4-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES085I – AUGUST 1996 – REVISED OCTOBER 2004
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
64
θ
JA
Package thermal impedance(4)
DGV package
48
°C/W
DL package
56
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
-2
VCC = 2.3 V
-6
IOH
High-level output current
mA
VCC = 2.7 V
-8
VCC = 3 V
-12
VCC = 1.65 V
2
VCC = 2.3 V
6
IOL
Low-level output current
mA
VCC = 2.7 V
8
VCC = 3 V
12
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


유사한 부품 번호 - 74ALVCH162344GRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ALVCH162334DLG4 TI1-74ALVCH162334DLG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRE4 TI1-74ALVCH162334GRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRG4 TI1-74ALVCH162334GRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRE4 TI1-74ALVCH162334VRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRG4 TI1-74ALVCH162334VRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVCH162344GRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com