전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCH162827GR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALVCH162827GR
상세설명  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162827GR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALVCH162827GR Datasheet HTML 1Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 2Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162827GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OE1
1Y1
1Y2
GND
1Y3
1Y4
VCC
1Y
1Y6
1Y7
GND
1Y8
1Y9
1Y10
2Y1
2Y2
2Y3
GND
2Y4
2Y5
2Y6
VCC
2Y7
2Y8
GND
2Y9
2Y10
2OE1
1OE2
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
1A7
GND
1A8
1A9
1A10
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2A9
2A10
2OE2
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
SN74ALVCH162827
20-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES013H – JULY 1995 – REVISED AUGUST 2004
Member of the Texas Instruments Widebus™
Family
Output Ports Have Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
- 2000-V Human-Body Model (A114-A)
- 200-V Machine Model (A115-A)
- 1000-V Charged-Device Model (C101)
This 20-bit noninverting buffer/driver is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH162827 is composed of two 10-bit
sections with separate output-enable signals. For
either 10-bit buffer section, the two output-enable
(1OE1 and 1OE2 or 2OE1 and 2OE2) inputs must
both be low for the corresponding Y outputs to be
active. If either output-enable input is high, the
outputs of that 10-bit buffer section are in the
high-impedance state.
The outputs, which are designed to sink up to 12 mA,
include equivalent 26-
Ω resistors to reduce overshoot
and undershoot.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH162827DL
SSOP - DL
ALVCH162827
Tape and reel
SN74ALVCH162827DLR
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVCH162827GR
ALVCH162827
TVSOP - DGV
Tape and reel
SN74ALVCH162827VR
VH2827
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74ALVCH162827GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH162827GR TI-SN74ALVCH162827GR Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCH162827GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com