전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G00DBVR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G00DBVR
상세설명  Low-Power Single 2-Input Positive-NAND Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G00DBVR 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AUP1G00DBVR Datasheet HTML 1Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 2Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 3Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 4Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 5Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 6Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 7Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 8Page - Texas Instruments SN74AUP1G00DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DNU – Do not use
N.C. – No internal connection
See mechanical drawings for dimensions.
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(
VIEW)
TOP
DBV PACKAGE
(TOP VIEW)
5
1
2
V
Y
4
3
CC
A
B
GND
DCK PACKAGE
(TOP VIEW)
5
1
2
V
Y
CC
4
3
A
B
GND
DRL PACKAGE
(TOP VIEW)
5
1
2
4
V
Y
CC
3
A
B
GND
DRY PACKAGE
(TOP VIEW)
B
N.C.
A
6
5
4
2
3
GND
Y
VCC
1
GND
Y
3
4
2
B
5
A
6
1
N.C.
VCC
DSF PACKAGE
(TOP VIEW)
GND
A
Y
V
CC
B
3
5
2
1
4
A1
B1
C1
A2
C2
GND
A
Y
V
CC
B
3
6
2
1
4
5
DNU
A1
B1
C1
A2
B2
C2
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
B
4
SN74AUP1G00
www.ti.com
SCES604I – SEPTEMBER 2004 – REVISED JUNE 2014
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
DBV, DCK,
DRY,
NAME
DPW
YZP
YFP
DRL
DSF
A
1
2
1
A1
A1
I
Input A
B
2
1
2
B2
B2
I
Input B
GND
3
3
3
C3
B3
Ground
Y
4
4
4
C4
C4
O
Output Y
VCC
5
5
6
A5
A6
Power Pin
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G00


유사한 부품 번호 - SN74AUP1G00DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00DBVR TI-SN74AUP1G00DBVR Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DBVR TI-SN74AUP1G00DBVR Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DBVR TI-SN74AUP1G00DBVR Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DBVRE4 TI-SN74AUP1G00DBVRE4 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00DBVRE4 TI-SN74AUP1G00DBVRE4 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
More results

유사한 설명 - SN74AUP1G00DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com