전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G04DRYR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G04DRYR
상세설명  Low-Power Single Inverter Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G04DRYR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G04DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 9Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 10Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 11Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 12Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 13Page - Texas Instruments SN74AUP1G04DRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
NOTES: A.C includesprobeandjigcapacitance.
L
B.Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t /t =3ns.
£
W
O
r f
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E.t
andt
arethesameast .
PLZ
PHZ
dis
F.t
andt
arethesameast .
PZL
PZH
en
G. Allparametersandwaveformsarenotapplicabletoalldevices.
5,10,15,30pF
V
/2
CC
V
CC
0.15V
V
=1.2V
0.1V
CC
±
V
=0.8V
CC
V
=1.5V
0.1V
CC
±
V
=1.8V
0.15V
CC
±
V
=2.5V
0.2V
CC
±
V
=3.3V
0.3V
CC
±
5,10,15,30pF
V
/2
CC
V
CC
0.1V
5,10,15,30pF
V
/2
CC
V
CC
0.1V
5,10,15,30pF
V
/2
CC
V
CC
0.1V
C
L
V
M
V
I
V
D
5,10,15,30pF
V
/2
CC
V
CC
0.15V
5,10,15,30pF
V
/2
CC
V
CC
0.3V
Output
Waveform1
S1at2
V
(seeNoteB)
´ CC
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
t
PZL
t
PZH
t
PLZ
t
PHZ
V
CC
0V
V
+V
OL
D
V
V
OH -
D
»0V
V
CC
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
Output
Control
V
/2
CC
V
/2
CC
V
/2
CC
V
/2
CC
t
/t
PLZ PZL
t
/t
PHZ PZH
2
V
´ CC
GND
TEST
S1
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
GND
5kW
5kW
2
V
´ CC
SN74AUP1G04
SCES571K – JUNE 2004 – REVISED JUNE 2014
www.ti.com
8.2
Enable and Disable Times
Figure 4. Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G04


유사한 부품 번호 - SN74AUP1G04DRYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G04DRYR TI-SN74AUP1G04DRYR Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
More results

유사한 설명 - SN74AUP1G04DRYR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04_101 TI-SN74AUP1G04_101 Datasheet
940Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com