전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G07DPWR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G07DPWR
상세설명  Low-Power Single Buffer/Driver With Open-Drain Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G07DPWR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G07DPWR Datasheet HTML 6Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 9Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 10Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 11Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 12Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 13Page - Texas Instruments SN74AUP1G07DPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
A
Y
SN74AUP1G07
SCES591J – JULY 2004 – REVISED JUNE 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SN74AUP1G07 device is a single buffer gate with open drain output that operates from 0.8 V to 3.6 V. The
output of this single buffer/driver is open drain, and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
The AUP family of devices has quiescent power consumption less than 1ua and comes in the ultra small DPW
package. The DPW package technology is a major breakthrough in IC packaging. Its tiny 0.64 mm square
footprint saves significant board space over other package options while still retaining the traditional
manufacturing friendly lead pitch of 0.5 mm.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down. The Ioff feature also allows
for live insertion.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating VCC range of 0.8 V to 3.6 V
3.6-V I/O tolerant to support down translation
Input hysteresis allows slow input transition and better switching noise immunity at the input
Ioff feature allows voltages on the inputs and outputs when VCC is 0 V
Low noise due to slower edge rates
9.4 Device Functional Modes
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
H/Z
L
L
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G07


유사한 부품 번호 - SN74AUP1G07DPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07DBVR TI-SN74AUP1G07DBVR Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DBVR TI-SN74AUP1G07DBVR Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DBVRE4 TI-SN74AUP1G07DBVRE4 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DBVRE4 TI-SN74AUP1G07DBVRE4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07DBVRG4 TI-SN74AUP1G07DBVRG4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

유사한 설명 - SN74AUP1G07DPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com