전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G34DCKTG4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SN74AUP1G34DCKTG4
상세설명  Low-Power Single Buffer Gate
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G34DCKTG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G34DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 13Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 14Page - Texas Instruments SN74AUP1G34DCKTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
3.3-V Bus driver
VCC
0.1 µF
1-V Micro Processor
Driver
µC
1 V regulated
SN74AUP1G34
www.ti.com
SCES603K – AUGUST 2004 – REVISED OCTOBER 2014
10 Application and Implementation
10.1 Application Information
The AUP family is TI's premier solution to the industry’s low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity. It
has a small amount of hysteresis built in allowing for slower or noisy input signals. The lowered drive produces
slower edges and prevents overshoot and undershoot on the outputs.
The AUP family of single gate logic makes excellent translators for the new lower voltage Micro- processors that
typically are powered from 0.8 V to 1.2 V. They can drop the voltage of peripheral drivers and accessories that
are still powered by 3.3 V to the new uC power levels.
10.2 Typical Application
Figure 5. Typical Application
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits.
10.2.2 Detailed Design Procedure
1. Recommended Input conditions
Rise time and fall time specifications. See (
Δt/ΔV) in Recommended Operating Conditions table.
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 20 mA on the output and 50 mA total for the part
Outputs should not be pulled above VCC
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G34


유사한 부품 번호 - SN74AUP1G34DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G34DCKTG4 TI-SN74AUP1G34DCKTG4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
More results

유사한 설명 - SN74AUP1G34DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com