전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G34DRLR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G34DRLR
상세설명  Low-Power Single Buffer Gate
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G34DRLR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUP1G34DRLR Datasheet HTML 1Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AUP1G34
SCES603K – AUGUST 2004 – REVISED OCTOBER 2014
SN74AUP1G34 Low-Power Single Buffer Gate
1 Features
2 Applications
1
Available in the Ultra Small 0.64 mm2 Package
ATCA Solutions
(DPW) with 0.5-mm Pitch
Active Noise Cancellation (ANC)
Low Static-Power Consumption;
Barcode Scanner
ICC = 0.9 μA Max
Blood Pressure Monitor
Low Dynamic-Power Consumption;
CPAP Machine
Cpd = 4.1 pF Typ at 3.3 V
Cable Solutions
Low Input Capacitance; Ci = 1.5 pF Typ
DLP 3D Machine Vision, Hyperspectral Imaging,
Low Noise - Overshoot and Undershoot <
Optical Networking, and Spectroscopy
10% of VCC
E-Book
Ioff Supports Live Insertion, Partial Power Down
Embedded PC
Mode, and Back Drive Protection
Field Transmitter: Temperature or Pressure
Input Hysteresis Allows Slow Input Transition and
Sensor
Better Switching Noise Immunity at the Input
Fingerprint Biometrics
(Vhys = 250 mV Typ at 3.3 V)
HVAC: Heating, Ventilating, and Air Conditioning
Wide Operating VCC Range of 0.8 V to 3.6 V
Network-Attached Storage (NAS)
Optimized for 3.3-V Operation
Server Motherboard and PSU
3.6-V I/O Tolerant to Support Mixed-Mode
Software Defined Radio (SDR)
Signal Operation
TV: High-Definition (HDTV), LCD, and Digital
tpd = 4.1 ns Max at 3.3 V
Video Communications System
Suitable for Point-to-Point Applications
Wireless Data Access Card, Headset, Keyboard,
Latch-Up Performance Exceeds 100 mA Per
Mouse, and LAN Card
JESD 78, Class II
X-ray: Baggage Scanner, Medical, and Dental
ESD Performance Tested Per JESD 22
2000-V Human-Body Model
3 Description
(A114-B, Class II)
This single buffer gate performs the Boolean function
1000-V Charged-Device Model (C101)
Y = A in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT (5)
1.60 mm × 1.20 mm
USON (6)
1.45 mm × 1.00 mm
SN74AUP1G34
X2SON (4)
0.80 mm × 0.80 mm
DSBGA (4)
0.79 mm × 0.79 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplifed Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74AUP1G34DRLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G34DRLR TI-SN74AUP1G34DRLR Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DRLR TI-SN74AUP1G34DRLR Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP1G34DRLR-PDSO-N5 TI-SN74AUP1G34DRLR-PDSO-N5 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DRLRG4 TI-SN74AUP1G34DRLRG4 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
More results

유사한 설명 - SN74AUP1G34DRLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com