전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP2G126 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP2G126
상세설명  LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G126 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AUP2G126 Datasheet HTML 5Page - Texas Instruments SN74AUP2G126 Datasheet HTML 6Page - Texas Instruments SN74AUP2G126 Datasheet HTML 7Page - Texas Instruments SN74AUP2G126 Datasheet HTML 8Page - Texas Instruments SN74AUP2G126 Datasheet HTML 9Page - Texas Instruments SN74AUP2G126 Datasheet HTML 10Page - Texas Instruments SN74AUP2G126 Datasheet HTML 11Page - Texas Instruments SN74AUP2G126 Datasheet HTML 12Page - Texas Instruments SN74AUP2G126 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
V
M
FromOutput
UnderTest
C
L
(seeNote A)
LOADCIRCUIT
1MW
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
t
PLH
t
PHL
t
PHL
t
PLH
V
OH
V
OH
V
OL
V
OL
V
I
0V
Input
Output
Output
NOTES: A.C includesprobeandjigcapacitance.
L
B. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t /t =3ns.
£
W
O
r f
C. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
D.t
andt
arethesameast .
PLH
PHL
pd
E. Allparametersandwaveformsarenotapplicabletoalldevices.
V
M
V
M
V
M
V
M
V
M
5,10,15,30pF
V
/2
CC
V
CC
V
=1.2V
CC
± 0.1V
V
=0.8V
CC
V
=1.5V
CC
± 0.1V
V
=1.8V
CC
± 0.15V
V
=2.5V
CC
± 0.2V
V
=3.3V
CC
± 0.3V
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
C
L
V
M
V
I
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
t
h
t
su
DataInput
TimingInput
V
CC
0V
V
CC
0V
0V
t
w
Input
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
VOLTAGEWAVEFORMS
PULSEDURATION
V
/2
CC
V
/2
CC
V
/2
CC
V
/2
CC
V
CC
V
/2
CC
SN74AUP2G126
www.ti.com
SCES687D – JANUARY 2007 – REVISED DECEMBER 2009
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP2G126


유사한 부품 번호 - SN74AUP2G126

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126YFPR TI-SN74AUP2G126YFPR Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126YZPR TI-SN74AUP2G126YZPR Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AUP2G126

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com