전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4929 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4929
상세설명  Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4929 데이터시트(HTML) 4 Page - Texas Instruments

  LM4929 Datasheet HTML 1Page - Texas Instruments LM4929 Datasheet HTML 2Page - Texas Instruments LM4929 Datasheet HTML 3Page - Texas Instruments LM4929 Datasheet HTML 4Page - Texas Instruments LM4929 Datasheet HTML 5Page - Texas Instruments LM4929 Datasheet HTML 6Page - Texas Instruments LM4929 Datasheet HTML 7Page - Texas Instruments LM4929 Datasheet HTML 8Page - Texas Instruments LM4929 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM4929
SNAS293B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, RL = 16Ω, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C. Pin 3 connected to GND
(3).
Symbol
Parameter
Conditions
LM4929
Units
(Limits)
Typ(4)
Limit(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
2
5
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
0.1
2.0
µA(max)
VSDIH
Shutdown Voltage Input High
1.8
V
VSDIL
Shutdown Voltage Input Low
0.4
V
THD = 1%; f = 1 kHZ
PO
Output Power
RL= 16Ω
80
mW
RL = 32Ω
80
VNO
Output Noise Voltage
BW = 20Hz to 20kHz, A-weighted
10
µV
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mV sine p-p
65
dB
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Pin 3 (NC) should be connected to GND for proper part operation.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
Electrical Characteristics VDD = 3.0V
(1) (2)
The following specifications apply for VDD = 3.0V, RL = 16Ω, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C. Pin 3 connected to GND
(3).
Symbol
Parameter
Conditions
LM4929
Units
(Limits)
Typ(4)
Limit(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
1.5
3.5
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
0.1
2.0
µA(max)
THD = 1%; f = 1kHz
PO
Output Power
R = 16
40
mW
R = 32
25
VNO
Output Noise Voltage
BW = 20 Hz to 20kHz, A-weighted
10
µV
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mV sine p-p
65
dB
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Pin 3 (NC) should be connected to GND for proper part operation.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4929


유사한 부품 번호 - LM4929

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4929MM NSC-LM4929MM Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results

유사한 설명 - LM4929

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com