전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM49251 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM49251
상세설명  Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM49251 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM49251 Datasheet HTML 7Page - Texas Instruments LM49251 Datasheet HTML 8Page - Texas Instruments LM49251 Datasheet HTML 9Page - Texas Instruments LM49251 Datasheet HTML 10Page - Texas Instruments LM49251 Datasheet HTML 11Page - Texas Instruments LM49251 Datasheet HTML 12Page - Texas Instruments LM49251 Datasheet HTML 13Page - Texas Instruments LM49251 Datasheet HTML 14Page - Texas Instruments LM49251 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
0.001
0.01
0.1
1
10
0.002
0.02
0.2
2
0.005
0.05
0.5
5
10m
100m
1
OUTPUT POWER (W)
20m
200m
50m
500m
2
5
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
LM49251
www.ti.com
SNAS498A – FEBRUARY 2011 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 15μH+8Ω+15μH
VDD = 5V, RL = 5μH+8Ω+15μH
POUT = 50mW, Mode 3
POUT = 750mW, Mode 2
Figure 10.
Figure 11.
THD+N vs Frequency
THD+N vs Frequency
RL = 32Ω
RL = 16Ω
POUT = 14mW, Mode 4
POUT = 14mW, Mode 4
Figure 12.
Figure 13.
THD+N vs Frequency
THD+N vs Output Power
RL = 32Ω
VDD = 3.6V, RL = 15μH+4Ω+15μH
POUT = 14mW, Mode 6
f = 1kHz, Mode 2
Figure 14.
Figure 15.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM49251


유사한 부품 번호 - LM49251

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251TL TI1-LM49251TL Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251TLX TI1-LM49251TLX Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
More results

유사한 설명 - LM49251

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com