전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C8V2LT1 데이터시트(PDF) 10 Page - Motorola, Inc

부품명 BZX84C8V2LT1
상세설명  225 mW SOT-23 Zener Voltage Regulator Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX84C8V2LT1 데이터시트(HTML) 10 Page - Motorola, Inc

Back Button BZX84C8V2LT1 Datasheet HTML 6Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 7Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 8Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 9Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 10Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 11Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 12Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 13Page - Motorola, Inc BZX84C8V2LT1 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MMSZ5221BT1, MMSZ4678T1, MMSZ2V4T1 Series
Motorola TVS/Zener Device Data
7-148
500 mW Leadless (SOD-123) Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted [1]), (VF = 0.9 V Max. @ IF = 10 mA for all types)
T
Mki
Zener Voltage
VZ @ IZT
Volts
[1] [2]
Test
Current
IZT
Max Zener
Impedance [3]
Max Reverse
Leakage
Current
IR @ VR
Test
Voltage
Type
Number
Marking
Nom
Min
Max
IZT
mA
ZZT
@ IZ = IZT
ZZK
@ IZK = 0.25 mA
IR @ VR
µA
Voltage
VR
Volts
MMSZ5221BT1
C1
2.4
2.28
2.52
20
30
1200
100
1
MMSZ5222BT1
C2
2.5
2.38
2.63
20
30
1250
100
1
MMSZ5223BT1
C3
2.7
2.57
2.84
20
30
1300
75
1
MMSZ5224BT1
C4
2.8
2.66
2.94
20
30
1400
75
1
MMSZ5225BT1
C5
3.0
2.85
3.15
20
30
1600
50
1
MMSZ5226BT1
D1
3.3
3.14
3.47
20
28
1600
25
1
MMSZ5227BT1
D2
3.6
3.42
3.78
20
24
1700
15
1
MMSZ5228BT1
D3
3.9
3.71
4.10
20
23
1900
10
1
MMSZ5229BT1
D4
4.3
4.09
4.52
20
22
2000
5
1
MMSZ5230BT1
D5
4.7
4.47
4.94
20
19
1900
5
2
MMSZ5231BT1
E1
5.1
4.85
5.36
20
17
1600
5
2
MMSZ5232BT1
E2
5.6
5.32
5.88
20
11
1600
5
3
MMSZ5233BT1
E3
6.0
5.70
6.30
20
7
1600
5
3.5
MMSZ5234BT1
E4
6.2
5.89
6.51
20
7
1000
5
4
MMSZ5235BT1
E5
6.8
6.46
7.14
20
5
750
3
5
MMSZ5236BT1
F1
7.5
7.13
7.88
20
6
500
3
6
MMSZ5237BT1
F2
8.2
7.79
8.61
20
8
500
3
6.5
MMSZ5238BT1
F3
8.7
8.27
9.14
20
8
600
3
6.5
MMSZ5239BT1
F4
9.1
8.65
9.56
20
10
600
3
7
MMSZ5240BT1
F5
10
9.50
10.50
20
17
600
3
8
MMSZ5241BT1
H1
11
10.45
11.55
20
22
600
2
8.4
MMSZ5242BT1
H2
12
11.40
12.60
20
30
600
1
9.1
MMSZ5243BT1
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5244BT1
H4
14
13.30
14.70
9.0
15
600
0.1
10
MMSZ5245BT1
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246BT1
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5247BT1
J2
17
16.15
17.85
7.4
19
600
0.1
13
MMSZ5248BT1
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5249BT1
J4
19
18.05
19.95
6.6
23
600
0.1
14
MMSZ5250BT1
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251BT1
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252BT1
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5253BT1
K3
25
23.75
26.25
5.0
35
600
0.1
19
MMSZ5254BT1
K4
27
25.65
28.35
4.6
41
600
0.1
21
MMSZ5255BT1
K5
28
26.60
29.40
4.5
44
600
0.1
21
[1] Nominal zener voltage is measured with the device junction in thermal equilibrium at T
L = 30°C ± 1°C.
[2] All part numbers shown indicate a V
Z tolerance of ±5%.
[3] Z
ZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.


유사한 부품 번호 - BZX84C8V2LT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BZX84C8V2LT1 LRC-BZX84C8V2LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C8V2LT1 ONSEMI-BZX84C8V2LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
E-Tech Electronics LTD
BZX84C8V2LT1 ETL-BZX84C8V2LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C8V2LT1 ONSEMI-BZX84C8V2LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C8V2LT1 PACELEADER-BZX84C8V2LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - BZX84C8V2LT1

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MMBZ5221ELT1_0508 ONSEMI-MMBZ5221ELT1_0508 Datasheet
74Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com