전자부품 데이터시트 검색엔진 |
|
SN74CBTD3861 데이터시트(PDF) 2 Page - Texas Instruments |
|
SN74CBTD3861 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 16 page SN74CBTD3861 10-BIT FET BUS SWITCH WITH LEVEL SHIFTING SCDS084G – JULY 1998 – REVISED JULY 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) A1 B1 A10 B10 OE 2 11 23 22 13 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous channel current 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI/O < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 63 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DBQ package 61 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 46 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 88 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4.5 5.5 V VIH High-level control input voltage 2 V VIL Low-level control input voltage 0.8 V TA Operating free-air temperature –40 85 °C In applications with fast edge rates, multiple outputs switching, and operating at high frequencies, the output may have little or no level-shifting effect. NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
유사한 부품 번호 - SN74CBTD3861_15 |
|
유사한 설명 - SN74CBTD3861_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |