전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04P20 데이터시트(PDF) 3 Page - SUNMATE electronic Co., LTD

부품명 BZW04P20
상세설명  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04P20 데이터시트(HTML) 3 Page - SUNMATE electronic Co., LTD

  BZW04P20 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04P20 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04P20 Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04P20 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
Maximum
Temperature
TYPE
Co-efficient
of VBR
(% /
°C)
BZW04P58
64.6
74.8
1.0
58.1
5.0
4.3
92.0
0.104
BZW04-58
64.6
71.4
1.0
58.1
5.0
4.3
92.0
0.104
BZW04P64
71.3
82.5
1.0
64.1
5.0
3.9
103
0.105
BZW04-64
71.3
78.8
1.0
64.1
5.0
3.9
103
0.105
BZW04P70
77.9
90.2
1.0
70.1
5.0
3.5
113
0.105
BZW04-70
77.9
86.1
1.0
70.1
5.0
3.5
113
0.105
BZW04P78
86.5
100
1.0
77.8
5.0
3.2
125
0.106
BZW04-78
86.5
95.5
1.0
77.8
5.0
3.2
125
0.106
BZW04P85
95.0
110
1.0
85.5
5.0
2.9
137
0.106
BZW04-85
95.0
105
1.0
85.5
5.0
2.9
137
0.106
BZW04P94
105
121
1.0
94.0
5.0
2.6
152
0.107
BZW04-94
105
116
1.0
94.0
5.0
2.6
152
0.107
BZW04P102
114
132
1.0
102
5.0
2.4
165
0.107
BZW04-102
114
126
1.0
102
5.0
2.4
165
0.107
BZW04P111
124
143
1.0
111
5.0
2.2
179
0.107
BZW04-111
124
137
1.0
111
5.0
2.2
179
0.107
BZW04P128
143
165
1.0
128
5.0
2.0
207
0.108
BZW04-128
143
158
1.0
128
5.0
2.0
207
0.108
BZW04P136
152
176
1.0
136
5.0
1.8
219
0.108
BZW04-136
152
168
1.0
136
5.0
1.8
219
0.108
BZW04P145
161
187
1.0
145
5.0
1.7
234
0.108
BZW04-145
161
179
1.0
145
5.0
1.7
234
0.108
BZW04P154
171
198
1.0
154
5.0
1.6
246
0.108
BZW04-154
171
189
1.0
154
5.0
1.6
246
0.108
BZW04P171
190
220
1.0
171
5.0
1.5
274
0.108
BZW04-171
190
210
1.0
171
5.0
1.5
274
0.108
BZW04P188
209
242
1.0
188
5.0
1.4
301
0.108
BZW04-188
209
231
1.0
188
5.0
1.4
301
0.108
BZW04P213
237
275
1.0
213
5.0
1.3
344
0.110
BZW04-213
237
263
1.0
213
5.0
1.3
344
0.110
BZW04P239
266
308
1.0
239
5.0
1.3
384
0.110
BZW04-239
266
294
1.0
239
5.0
1.3
384
0.110
BZW04P256
285
330
1.0
256
5.0
1.2
414
0.110
BZW04-256
285
315
1.0
256
5.0
1.2
414
0.110
BZW04P273
304
352
1.0
273
5.0
1.2
438
0.110
BZW04-273
304
336
1.0
273
5.0
1.2
438
0.110
BZW04P299
332
385
1.0
299
5.0
0.9
482
0.110
BZW04-299
332
368
1.0
299
5.0
0.9
482
0.110
BZW04P342
380
440
1.0
342
5.0
0.9
548
0.110
BZW04-342
380
420
1.0
342
5.0
0.9
548
0.110
BZW04P376
418
484
1.0
376
5.0
0.8
603
0.110
BZW04-376
418
462
1.0
376
5.0
0.8
603
0.110
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
IPP(A)
IR(uA)
VC(V)
VBR MAX(V)
IT (mA)
www.sunmate.tw


유사한 부품 번호 - BZW04P20

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZW04P20 EIC-BZW04P20 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P20 GE-BZW04P20 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P20 DBLECTRO-BZW04P20 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P20 BILIN-BZW04P20 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04P20 VISHAY-BZW04P20 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

유사한 설명 - BZW04P20

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com