전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74F2244DWR 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74F2244DWR
상세설명  25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2244DWR 데이터시트(HTML) 2 Page - Texas Instruments

  SN74F2244DWR Datasheet HTML 1Page - Texas Instruments SN74F2244DWR Datasheet HTML 2Page - Texas Instruments SN74F2244DWR Datasheet HTML 3Page - Texas Instruments SN74F2244DWR Datasheet HTML 4Page - Texas Instruments SN74F2244DWR Datasheet HTML 5Page - Texas Instruments SN74F2244DWR Datasheet HTML 6Page - Texas Instruments SN74F2244DWR Datasheet HTML 7Page - Texas Instruments SN74F2244DWR Datasheet HTML 8Page - Texas Instruments SN74F2244DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74F2244
25 Ω OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SDFS095B − NOVEMBER 1993 − REVISED JANUARY 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
logic diagram (positive logic)
1OE
2
1A1
4
1A2
6
1A3
8
1A4
EN
1
1Y1
18
1Y2
16
1Y3
14
1Y4
12
2OE
11
2A1
13
2A2
15
2A3
17
2A4
EN
19
2Y1
9
2Y2
7
2Y3
5
2Y4
3
1
2
4
6
8
19
11
13
15
17
3
5
7
9
12
14
16
18
1A1
1A2
1A3
1A4
1Y1
2A1
2A2
2A3
2A4
2Y1
1Y2
1Y3
1Y4
2Y2
2Y3
2Y4
1OE
2OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
1
1
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, II
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
−0.5 V to 5.5 V
. . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range,TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded if the input current ratings are observed.


유사한 부품 번호 - SN74F2244DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F2244DW TI-SN74F2244DW Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74F2244DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com