전자부품 데이터시트 검색엔진 |
|
SN74FB2031RCG3 데이터시트(PDF) 7 Page - Texas Instruments |
|
SN74FB2031RCG3 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 13 page SN74FB2031 9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR A OUTPUTS S1 500 Ω 500 Ω From Output Under Test LOAD CIRCUIT FOR B OUTPUTS 2.1 V 16.5 Ω CL = 30 pF (see Note A) Test Point tPHL tPLH Output 3 V 0 V VOH VOL Data Input Timing Input 3 V 0 V 0 V tPHL tPLH 2 V 1 V VOH VOL VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (B TO A) VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (A TO B) VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Output Control Output Waveform 1 S1 at 7 V (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPLZ tPZH tPZL tPHZ 3.5 V 0 V VOL + 0.3 V VOH – 0.3 V ≈0 V 3 V tw VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES (A PORT) tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 7 V Open TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: TTL inputs: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns; BTL inputs: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. 7 V Open 1.5 V 1.5 V 1.5 V 3 V 0 V 1.5 V 1.5 V Input Input 1.5 V 1.5 V 1.55 V 1.55 V Output Input 1.5 V 1.5 V 1.55 V 1.55 V 1.5 V 1.5 V 1.5 V 1.5 V 3 V GND th tsu Figure 1. Load Circuits and Voltage Waveforms |
유사한 부품 번호 - SN74FB2031RCG3 |
|
유사한 설명 - SN74FB2031RCG3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |