전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74FB2033ARC 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74FB2033ARC
상세설명  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2033ARC 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74FB2033ARC Datasheet HTML 3Page - Texas Instruments SN74FB2033ARC Datasheet HTML 4Page - Texas Instruments SN74FB2033ARC Datasheet HTML 5Page - Texas Instruments SN74FB2033ARC Datasheet HTML 6Page - Texas Instruments SN74FB2033ARC Datasheet HTML 7Page - Texas Instruments SN74FB2033ARC Datasheet HTML 8Page - Texas Instruments SN74FB2033ARC Datasheet HTML 9Page - Texas Instruments SN74FB2033ARC Datasheet HTML 10Page - Texas Instruments SN74FB2033ARC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
V
VCC = 4.75 V to 5.25 V,
IOH = –10 µA
VCC–1.1
VOH
AO port
VCC = 4 75 V
IOH = –3 mA
2.5
2.85
3.4
V
VCC = 4.75 V
IOH = –32 mA
2
AO port
VCC = 4 75 V
IOL = 20 mA
0.33
0.5
VOL
AO port
VCC = 4.75 V
IOL = 55 mA
0.8
V
VOL
B
t
VCC = 4 75 V
IOL = 100 mA
0.75
1.1
V
B port
VCC = 4.75 V
IOL = 4 mA
0.5
II
Except B port
VCC = 0,
VI = 5.25 V
100
µA
IIH
Except B port
VCC = 5.25 V,
VI = 2.7 V
50
µA
IIH
B port‡
VCC = 0 to 5.25 V,
VI = 2.1 V
100
µA
IIL
Except B port
VCC = 5 25 V
VI = 0.5 V
–50
µA
IIL
B port‡
VCC = 5.25 V
VI = 0.75 V
–100
µA
IOH
B port
VCC = 0 to 5.25 V,
VO = 2.1 V
100
µA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V
50
µA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V
–50
µA
IOZH
AO port
VCC = 5.25 V,
VO = 2.7 V
50
µA
IOZL
AO port
VCC = 5.25 V,
VO = 0.5 V
–50
µA
IOS§
AO port
VCC = 5.25 V,
VO = 0
–40
–80
–150
mA
ICC
All outputs on
VCC = 5.25 V,
IO = 0
45
70
mA
Ci
AI port and control inputs
VI = 0.5 V or 2.5 V
5
pF
Co
AO port
VO = 0.5 V or 2.5 V
5
pF
C
B port
VCC = 0 to 4.75 V
6
pF
Cio
B ort
per IEEE Std 1194.1-1991
VCC = 4.75 V to 5.25 V
6
pF
† All typical values are at VCC = 5 V.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
live-insertion characteristics over recommended operating free-air temperature range (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC (BIAS VCC)
VCC = 0 to 4.5 V
VB =0to2V
Vl (BIAS VCC)=4 5Vto5 5V
10
µA
ICC (BIAS VCC)
VCC = 4.5 V to 5.5 V
VB = 0 to 2 V,
Vl (BIAS VCC) = 4.5 V to 5.5 V
10
µA
VO
B port
VCC = 0,
VI (BIAS VCC) = 4.5 V to 5.5 V
1.62
2.1
V
VCC = 0,
VB = 1 V,
Vl (BIAS VCC) = 4.5 V to 5.5 V
–1
IO
B port
VCC = 0 to 5.5 V,
OEB = 0 to 0.8 V
100
µA
VCC = 0 to 2.2 V,
OEB = 0 to 5 V
100
NOTE 3: The power-up sequence is GND, BIAS VCC, VCC.


유사한 부품 번호 - SN74FB2033ARC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2033ARC TI-SN74FB2033ARC Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCR TI-SN74FB2033ARCR Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

유사한 설명 - SN74FB2033ARC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com