전자부품 데이터시트 검색엔진 |
|
SN74AS808BDWE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
SN74AS808BDWE4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 13 page SN54AS808B, SN74AS808B HEX 2INPUT AND DRIVERS SDAS018C − DECEMBER 1982 − REVISED JANUARY 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54AS808B −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74AS808B 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54AS808B SN74AS808B UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current −40 −48 mA IOL Low-level output current 40 48 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54AS808B SN74AS808B UNIT PARAMETER TEST CONDITIONS MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.2 −1.2 V VCC = 4.5 V to 5.5 V, IOH = − 2 mA VCC −2 VCC −2 VOH IOH = − 3 mA 2.4 3.2 2.4 3.2 V VOH VCC = 4.5 V IOH = − 40 mA 2 V VCC = 4.5 V IOH = − 48 mA 2 VOL VCC = 4.5 V IOL = 40 mA 0.25 0.5 V VOL VCC = 4.5 V IOL = 48 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V − 0.5 − 0.5 mA IO§ VCC = 5.5 V, VO = 2.25 V −50 − 200 −50 − 200 mA ICCH VCC = 5.5 V, VI = 4.5 V 8 13 8 13 mA ICCL VCC = 5.5 V, VI = 0 20 33 20 33 mA ‡ All typical values are at VCC = 5 V, TA = 25°C. § The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
유사한 부품 번호 - SN74AS808BDWE4 |
|
유사한 설명 - SN74AS808BDWE4 |