전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBT3305CD 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBT3305CD
상세설명  DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3305CD 데이터시트(HTML) 5 Page - Texas Instruments

  SN74CBT3305CD Datasheet HTML 1Page - Texas Instruments SN74CBT3305CD Datasheet HTML 2Page - Texas Instruments SN74CBT3305CD Datasheet HTML 3Page - Texas Instruments SN74CBT3305CD Datasheet HTML 4Page - Texas Instruments SN74CBT3305CD Datasheet HTML 5Page - Texas Instruments SN74CBT3305CD Datasheet HTML 6Page - Texas Instruments SN74CBT3305CD Datasheet HTML 7Page - Texas Instruments SN74CBT3305CD Datasheet HTML 8Page - Texas Instruments SN74CBT3305CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
50
VS
VCC
11 V
100 k
100 k
10 pF
DUT
Input
Generator
Ax
Bx
−2 V
5.5 V
10 %
20 ns
10 %
90 %
90 %
2 ns
2 ns
VOH − 0.3
VOH
Output
(VOUTU)
Input
(Open
Socket)
SN74CBT3305C
DUAL FET BUS SWITCH
5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION
SCDS125B – SEPTEMBER 2003 – REVISED AUGUST 2005
Figure 1. Device Test Setup
Figure 2. Transient Input Voltage (VI) and Output Voltage (VOUTU) Waveforms (Switch OFF)
5


유사한 부품 번호 - SN74CBT3305CD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3305CD TI-SN74CBT3305CD Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
SN74CBT3305CDR TI-SN74CBT3305CDR Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
More results

유사한 설명 - SN74CBT3305CD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI1-SN74CBT3125C_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH-2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com