전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD891ZJ 데이터시트(PDF) 7 Page - Jianghai Europe GmbH

부품명 CD891ZJ
상세설명  4000h at 85째C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGHAI [Jianghai Europe GmbH]
홈페이지  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD891ZJ 데이터시트(HTML) 7 Page - Jianghai Europe GmbH

  CD891ZJ Datasheet HTML 1Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 2Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 3Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 4Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 5Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 6Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 7Page - Jianghai Europe GmbH CD891ZJ Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
15
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Life Time Estimation
3. K
V Voltage Factor: For Radial Electrolytic Capacitors, this part of the formula has no impact (KV = 1). But for
some bigger capacitors like Snap-In and Screw-Terminal types with rated voltages above 350V, the operating
voltage will affect their Lifetime. It is expressed as follows:
( )
K
V =
U
A
U
R
-n
Where:
U
R
Rated Voltage
U
A
Actual Operating Voltage
n
Exponent, defined as:
0,5 ≤
U
A
≤ 1
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R
4.
Frequency Correction Factors: If the actual Ripple Currents are not given at the same frequency like I
0,
weighing factors need to be applied.
I
A
Actual Rated Ripple Current (normalized)
I
f1 ... Ifn
Ripple Currents at different frequencies
F
f1 ... Ffn
Frequency Correction Factors for different frequencies
I
A =
(
I
f 1
)
2
+
F
f 1
(
I
f 2
)
2
+
F
f 2
...
(
I
f n
)
2
F
f n
L = L
0 · KT · KR · KV
5.
JiAnGHAi Electrolytic Capacitor Lifetime Estimation Formula
T
0-TA
[1- (
I
A
) 2]·
∆ T
0
U
A
=
L
0· 2
10K · K
i
I
R
10K · ( )
-n
U
R
T
0 = 105°C
I
A > IR → Ki =
4
I
A ≤ IR → Ki =
2
T
0 =
85°C
K
i =
2
0,5 ≤
U
A
≤ 1
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R


유사한 부품 번호 - CD891ZJ

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
More results

유사한 설명 - CD891ZJ

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD804ZM JIANGHAI-CD804ZM Datasheet
644Kb / 8P
   4000h at 105째C
CD13HBH JIANGHAI-CD13HBH Datasheet
681Kb / 7P
   4000h at 85C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
logo
Dubilier
DVCR DUBILIER-DVCR Datasheet
271Kb / 3P
   ELECTROLYTIC - 85째C
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com