전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF4001-DO41 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 UF4001-DO41
상세설명  1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UF4001-DO41 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UF4001-DO41 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UF4001-DO41 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF4001
THRU
UF4007
1 Amp Ultra Fast
Recovery Rectifier
50 to 1000 Volts
Features
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF4001
---
50V
35V
50V
UF4002
---
100V
70V
100V
UF4003
---
200V
140V
200V
UF4004
---
400V
280V
400V
UF4005
---
600V
420V
400V
UF4006
---
800V
560V
800V
UF4007
---
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF4001-4003
UF4004
VF
1. 0 V
1. 7V
IFM = 1.0A;
TA = 25
°C
Maximum Reverse
Recovery Time
Trr
50ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
UF4001-4004
UF4005-4007
CJ
20pF
10pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300 sec, Duty Cycle 1%
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
UF4005-4007
1. 3 V
UF4001-4004
UF4005-4007
75ns
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
μA
100
μA
TA = 25
°C
TA = 100
°C
High Surge Capability
Low Leakage
Low Forward Voltage Drop
Ultra Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance 25
°C/W
www.yfwdiode.com


유사한 부품 번호 - UF4001-DO41

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
UF4001-2C1A-2CDO-41 DGNJDZ-UF4001-2C1A-2CDO-41 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
UF4001-G COMCHIP-UF4001-G Datasheet
81Kb / 3P
   Ultra Fast Recovery Rectifiers
logo
Frontier Electronics.
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
UF4001-T3 WTE-UF4001-T3 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
UF4001-T3 WTE-UF4001-T3 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

유사한 설명 - UF4001-DO41

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A-TP MCC-ES1A-TP Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM11PL MCC-UFM11PL Datasheet
249Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_13 Datasheet
203Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A_13 Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM16PL-TP MCC-UFM16PL-TP Datasheet
303Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com