전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC273DBLE 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74HC273DBLE
상세설명  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273DBLE 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HC273DBLE Datasheet HTML 1Page - Texas Instruments SN74HC273DBLE Datasheet HTML 2Page - Texas Instruments SN74HC273DBLE Datasheet HTML 3Page - Texas Instruments SN74HC273DBLE Datasheet HTML 4Page - Texas Instruments SN74HC273DBLE Datasheet HTML 5Page - Texas Instruments SN74HC273DBLE Datasheet HTML 6Page - Texas Instruments SN74HC273DBLE Datasheet HTML 7Page - Texas Instruments SN74HC273DBLE Datasheet HTML 8Page - Texas Instruments SN74HC273DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CLK(I)
R
Q
C
C
D
C
C
C
C
C
C
TG
TG
TG
TG
C
C
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54HC273, SN74HC273
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
SNx4HC273 Octal D-Type Flip-Flops With Clear
1
1 Features
1
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up to 10 LSTTL Loads
Low Power Consumption, 80-µA Maximum ICC
Typical tpd = 12 ns
±4-mA Output Drive at 5 V
Low Input Current of 1-µA Maximum
Contain Eight Flip-Flops With Single-Rail Outputs
Direct Clear Input
Individual Data Input to Each Flip-Flop
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
Buffer or Storage Registers
Shift Registers
Pattern Generators
3 Description
The SNx4HC273 devices are positive-edge-triggered
D-type flip-flops with a direct active low clear (CLR)
input.
Information at the data (D) inputs meeting the setup
time requirements is transferred to the Q outputs on
the positive-going edge of the clock (CLK) pulse.
Clock triggering occurs at a particular voltage level
and is not related directly to the transition time of the
positive-going pulse. When CLK is at either the high
or low level, the D input has no effect at the output.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
SN54HC273J
CDIP (20)
24.20 mm × 6.92 mm
SN54HC273W
CFP (20)
13.09 mm × 6.92 mm
SN54HC273FK
LCCC (20)
8.89 mm × 8.89 mm
SN74HC273D
SOIC (20)
12.80 mm × 7.50 mm
SN74HC273DB
SSOP (20)
7.20 mm × 5.30 mm
SN74HC273NS
SO (20)
12.60 mm × 5.30 mm
SN74HC273N
PDIP (20)
24.33 mm × 6.35 mm
SN74HC273PW
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Flip-Flop (Positive Logic)


유사한 부품 번호 - SN74HC273DBLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC273DBLE TI-SN74HC273DBLE Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273DBLE TI-SN74HC273DBLE Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

유사한 설명 - SN74HC273DBLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com