전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC7002PWT 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74HC7002PWT
상세설명  QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC7002PWT 데이터시트(HTML) 4 Page - Texas Instruments

  SN74HC7002PWT Datasheet HTML 1Page - Texas Instruments SN74HC7002PWT Datasheet HTML 2Page - Texas Instruments SN74HC7002PWT Datasheet HTML 3Page - Texas Instruments SN74HC7002PWT Datasheet HTML 4Page - Texas Instruments SN74HC7002PWT Datasheet HTML 5Page - Texas Instruments SN74HC7002PWT Datasheet HTML 6Page - Texas Instruments SN74HC7002PWT Datasheet HTML 7Page - Texas Instruments SN74HC7002PWT Datasheet HTML 8Page - Texas Instruments SN74HC7002PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54HC7002, SN74HC7002
QUADRUPLE POSITIVENOR GATES
WITH SCHMITT TRIGGER INPUTS
SCLS033F − MARCH 1984 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time, with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


유사한 부품 번호 - SN74HC7002PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC7002PWT TI-SN74HC7002PWT Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002PWT TI-SN74HC7002PWT Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002PWTE4 TI-SN74HC7002PWTE4 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
More results

유사한 설명 - SN74HC7002PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI-SN54HC7002 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com