전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC7002NE4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC7002NE4
상세설명  QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC7002NE4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HC7002NE4 Datasheet HTML 1Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 2Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 3Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 4Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 5Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 6Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 7Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 8Page - Texas Instruments SN74HC7002NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54HC7002, SN74HC7002
QUADRUPLE POSITIVENOR GATES
WITH SCHMITT TRIGGER INPUTS
SCLS033F − MARCH 1984 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Typical tpd = 14 ns
D Low Power Consumption, 20-µA Max ICC
D Low Input Current of 1 µA Max
D Operation From Very Slow Input
Transitions
D Temperature-Compensated Threshold
Levels
D High Noise Immunity
description/ordering information
In these devices, each circuit functions as a
quadruple NOR gate. They perform the Boolean
function Y = A
• B or Y = A + B in positive logic.
However, because of the Schmitt action, the
inputs have different input threshold levels for
positive- and negative-going signals.
These circuits are temperature compensated and
can be triggered from the slowest of input ramps
and still give clean jitter-free output signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC7002N
SN74HC7002N
Tube of 50
SN74HC7002D
SOIC − D
Reel of 2500
SN74HC7002DR
HC7002
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC7002DT
HC7002
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC7002NSR
HC7002
Tube of 90
SN74HC7002PW
TSSOP − PW
Reel of 2000
SN74HC7002PWR
HC7002
TSSOP − PW
Reel of 250
SN74HC7002PWT
HC7002
CDIP − J
Tube of 25
SNJ54HC7002J
SNJ54HC7002J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC7002W
SNJ54HC7002W
−55 C to 125 C
LCCC - FK
Tube of 55
SNJ54HC7002FK
SNJ54HC7002FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC7002 ...J OR W PACKAGE
SN74HC7002 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC7002 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B


유사한 부품 번호 - SN74HC7002NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC7002NE4 TI-SN74HC7002NE4 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
More results

유사한 설명 - SN74HC7002NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI-SN54HC7002 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com