전자부품 데이터시트 검색엔진 |
|
SN74HCT00PWRG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
SN74HCT00PWRG4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 16 page SN54HCT00, SN74HCT00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCLS062D – NOVEMBER 1988 – REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HCT00 SN74HCT00 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT VOH VI = VIH or VIL IOH = –20 µA 4.5 V 4.4 4.499 4.4 4.4 V VOH VI = VIH or VIL IOH = –4 mA 4.5 V 3.98 4.3 3.7 3.84 V VOL VI = VIH or VIL IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 V II VI = VCC or 0 5.5 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 5.5 V 2 40 20 µA ∆ICC† One input at 0.5 V or 2.4 V, Other inputs at 0 or VCC 5.5 V 1.4 2.4 3 2.9 mA Ci 4.5 V to 5.5 V 3 10 10 10 pF † This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HCT00 SN74HCT00 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT tpd A or B Y 4.5 V 11 20 30 25 ns tpd A or B Y 5.5 V 10 18 27 22 ns tt Y 4.5 V 9 15 22 19 ns tt Y 5.5 V 8 14 20 17 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate No load 20 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74HCT00PWRG4 |
|
유사한 설명 - SN74HCT00PWRG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |