전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ85A 데이터시트(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 SMAJ85A
상세설명  Maximum Ratings and Thermal Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMAJ85A 데이터시트(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SMAJ85A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ85A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ85A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ85A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0
20
40
60
80
100
0
25
50
75
100
125
150
175
T
A-Ambie nt te mpe ra ture (ºC)
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Tj=25ºC
f =1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @VR
Bi-directional @VR
V
BR - Reverse Breakdown Voltage (V)
0.1
1
10
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (sec.)
0.2x0.2" (5.0x5.0mm)
Copper Pad Area
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
Figure 5 - Steady State Power Dissipation Derating
Curve
0
5
10
15
20
25
30
35
40
45
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Forward Surge
Current Uni-Directional Only
SMAJ5.0A(CA)-SMAJ440A(CA)
www.yfwdiode.com


유사한 부품 번호 - SMAJ85A

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
SMAJ85A LUGUANG-SMAJ85A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ85A SUNMATE-SMAJ85A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
First Silicon Co., Ltd
SMAJ85A FS-SMAJ85A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ85A JGD-SMAJ85A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ85A SOCAY-SMAJ85A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ85A

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
   Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
   Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
FCI connector
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD25 FCI-CONNECTOR-FTD25 Datasheet
308Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
   ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com